Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM350 Datasheet (PDF) - Bosch Sensortec GmbH

BMM350 Datasheet PDF - Bosch Sensortec GmbH
Part # BMM350
Download  BMM350 Download
File Size   328.82 Kbytes
Page   3 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description High-performance magnetometer

BMM350 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMM350 Datasheet PDF - Bosch Sensortec GmbH

Part # BMM350
Download  BMM350 Click to download

File Size   328.82 Kbytes
Page   3 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description High-performance magnetometer

BMM350 Datasheet (HTML) - Bosch Sensortec GmbH


BMM350 Product details

General description
The BMM350 is a very small, high-performance, and low-current 16-bit 3-axis magnetometer. The digital sensor is ideally suited for a wide range of consumer applications such as virtual, augmented, and mixed reality applications, head orientation, indoor navigation, magnetic compass, high-end gaming, and dead reckoning, for example in robotics applications. The sensor is based on Bosch’s proprietary TMR technology. BMM350’s features are carefully tuned and perfectly match the demanding requirements of all applications. The BMM350 magnetic sensor offers outstanding design flexibility, providing a single monolithic package solution. Customers can easily integrate this into a multitude of existing and upcoming devices such as smartphones, wearables, hearables, vehicles, drones, and GPS modules.
Compared to the predecessor BMM150, the BMM350 impresses with an outstanding performance. This is reflected in 3 times better sensitivity and a 20 times smaller power consumption. It can be programmed to optimize functionality, performance, and power consumption in customer specific applications. The BMM350 allows measurements of the magnetic field in three perpendicular axes with a magnetic field range of typical ± 2000 μT (x, y, z-axis). The low current consumption (200 μA @ 100 Hz in low power preset) and low noise (± 190 nTrms for x, y axis and ± 450 nTrms for z axis) makes it suitable for a multitude of target applications.

Sensor features
The available communication interfaces are I3C or I2C. A data ready interrupt is signaling when new data is available, either via INT pin or via in-band-interrupt in I3C mode. If status polling is preferred, a “data ready” status register can be read out.




Similar Part No. - BMM350

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMM350 BOSCH-BMM350 Datasheet
2Mb / 63P
3-axis magnetic sensor with high data rate
February 2025
BMM350 BOSCH-BMM350_V01 Datasheet
2Mb / 63P
3-axis magnetic sensor with high data rate
February 2025
More results


Similar Description - BMM350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
579Kb / 43P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHCTR STMICROELECTRONICS-LSM303DLHCTR Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
1Mb / 68P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2015 Rev 5
LIS3MDL STMICROELECTRONICS-LIS3MDL Datasheet
1Mb / 33P
Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
15-May-2015
LSM303C STMICROELECTRONICS-LSM303C Datasheet
1Mb / 53P
Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
13-Jun-2014
LIS2MDL STMICROELECTRONICS-LIS2MDL Datasheet
1Mb / 41P
Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
November 2018 Rev 5
ISM303DAC STMICROELECTRONICS-ISM303DAC Datasheet
1Mb / 80P
High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
31-Oct-2017
logo
Melexis Microelectronic...
MLX90392 MELEXIS-MLX90392 Datasheet
2Mb / 40P
3D Magnetometer
logo
MultiDimension Technolo...
USB2510T MULTIDIMENSION-USB2510T Datasheet
863Kb / 5P
USB2510T – Transverse High-Field USB Magnetometer
Ver. 1.0a
logo
List of Unclassifed Man...
IST8310 ETC-IST8310 Datasheet
251Kb / 9P
3D Magnetometer
Version 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com