Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3MDL Datasheet (PDF) - STMicroelectronics

LIS3MDL Datasheet PDF - STMicroelectronics
Part # LIS3MDL
Download  LIS3MDL Download
File Size   1663.3 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer

LIS3MDL Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS3MDL Datasheet PDF - STMicroelectronics

Part # LIS3MDL
Download  LIS3MDL Click to download

File Size   1663.3 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer

LIS3MDL Datasheet (HTML) - STMicroelectronics


LIS3MDL Product details

Description
The LIS3MDL is an ultra-low-power highperformance three-axis magnetic sensor. The LIS3MDL has user-selectable full scales of ±4/ 8/ 12/16 gauss. The self-test capability allows the user to check the functioning of the sensor in the final application. The device may be configured to generate interrupt signals for magnetic field detection. The LIS3MDL includes an I2C serial bus interface that supports standard and fast mode (100 kHz and 400 kHz) and SPI serial standard interface. The LIS3MDL is available in a small thin plastic land grid array package (LGA) and is guaranteed to operate over an extended temperature range of -40 °C to +85 °C. LGA-12 (2.0x2.0x1.0 mm)




Similar Part No. - LIS3MDL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
03-Oct-2006
LIS302ALBTR STMICROELECTRONICS-LIS302ALBTR Datasheet
197Kb / 17P
MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
03-Oct-2006
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
30-Oct-2006
LIS302ALKTR STMICROELECTRONICS-LIS302ALKTR Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
30-Oct-2006
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
More results


Similar Description - LIS3MDL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
3-Axis, Digital Magnetometer
logo
STMicroelectronics
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
ultra-low-power digital output 3-axis accelerometer
14-Dec-2015
LIS2DE12 STMICROELECTRONICS-LIS2DE12 Datasheet
1Mb / 51P
MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
27-Jan-2017
logo
Rohm
BM1422AGMV ROHM-BM1422AGMV Datasheet
2Mb / 29P
3-Axis Digital Magnetometer IC
logo
STMicroelectronics
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
LIS2MDL STMICROELECTRONICS-LIS2MDL Datasheet
1Mb / 41P
Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
November 2018 Rev 5
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
IIS2MDC STMICROELECTRONICS-IIS2MDC Datasheet
1Mb / 40P
High-accuracy, ultra-low-power, 3-axis digital output magnetometer
September 2017 Rev 1
logo
MEMSIC Semiconductor (T...
MMC5883MA MEMSIC-MMC5883MA Datasheet
441Kb / 15P
짹8Gauss, High Performance, Low Cost 3-axis Magnetic Sensor
Rev.C
logo
STMicroelectronics
LIS2DW STMICROELECTRONICS-LIS2DW Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance, ultra-low-power 3-axis
10-Apr-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com