Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-26C32RH-T Datasheet (PDF) - Renesas Technology Corp

HS-26C32RH-T Datasheet PDF - Renesas Technology Corp
Part # HS-26C32RH-T
Download  HS-26C32RH-T Download
File Size   255.02 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Quad Differential Line Receiver

HS-26C32RH-T Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-26C32RH-T Datasheet PDF - Renesas Technology Corp

Part # HS-26C32RH-T
Download  HS-26C32RH-T Click to download

File Size   255.02 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Quad Differential Line Receiver

HS-26C32RH-T Datasheet (HTML) - Renesas Technology Corp


HS-26C32RH-T Product details

Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
- Gamma Dose . . . . . . . . . . . . . . . . . . . . 1 x 105 RAD(Si)
- SEU and SEL . . . . . . . . . . Immune to 100MeV/mg/cm2
• EIA RS-422 Compatible Inputs
• CMOS Compatible Enable Inputs
• Input Fail Safe Circuitry
• High Impedance Inputs when Disabled or Powered Down
• Low Power Dissipation 138mW Standby (Max)
• Single 5V Supply
• Full -55°C to +125°C Military Temperature Range
Applications
• Line Receiver for MIL-STD-1553 Serial Data Bus




Similar Part No. - HS-26C32RH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26C32RH-T INTERSIL-HS-26C32RH-T Datasheet
78Kb / 3P
Radiation Hardened Quad Differential Line Driver
More results


Similar Description - HS-26C32RH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
Radiation Hardened Quad Differential Line Driver
July 1999
HS-26CT32RH-T INTERSIL-HS-26CT32RH-T Datasheet
43Kb / 3P
Radiation Hardened Quad Differential Line Receiver
July 1999
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
Radiation Hardened Quad Differential Line Driver
May 27, 2010
HS-26C32RH INTERSIL-HS-26C32RH Datasheet
159Kb / 4P
Radiation Hardened Quad Differential Line Receiver
August 1, 2008
HS-26CT32RH INTERSIL-HS-26CT32RH Datasheet
146Kb / 3P
Radiation Hardened Quad Differential Line Receiver
August 7, 2008
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
May 28, 2009
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
Radiation Hardened Quad Differential Line Drivers
February 23, 2012
HS-26CLV32RH INTERSIL-HS-26CLV32RH_13 Datasheet
217Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
January 8, 2013
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
Radiation Hardened Quad Differential Line Receiver
May 28, 2013
HS9-26C32RH-8 INTERSIL-HS9-26C32RH-8 Datasheet
227Kb / 4P
Radiation Hardened Quad Differential Line Receiver
May 28, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com