Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-26CT32RH Datasheet (PDF) - Intersil Corporation

HS-26CT32RH Datasheet PDF - Intersil Corporation
Part # HS-26CT32RH
Download  HS-26CT32RH Download
File Size   146.02 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad Differential Line Receiver

HS-26CT32RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-26CT32RH Datasheet PDF - Intersil Corporation

Part # HS-26CT32RH
Download  HS-26CT32RH Click to download

File Size   146.02 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad Differential Line Receiver

HS-26CT32RH Datasheet (HTML) - Intersil Corporation


HS-26CT32RH Product details

Radiation Hardened Quad Differential Line Receiver

The Intersil HS-26CT32RH is a differential line receiver designed for digital data transmission over balanced lines and meets the requirements of EIA standard RS-422. Radiation hardened CMOS processing assures low power consumption, high speed, and reliable operation in the most severe radiation environments.

Features
• Electrically Screened to SMD # 5962-95631
• QML Qualified per MIL-PRF-38535 Requirements
• 1.2 Micron Radiation Hardened CMOS
    - Total Dose . . . . . . . . . . . . . . . . . . . .Up to 300kRAD(Si)
• Latch-up Free
• EIA RS-422 Compatible Outputs
• Operation with TTL Based on VIH = VDD/2
• Input Fail Safe Circuitry
• High Impedance Inputs when Disabled or Powered Down
• Low Power Dissipation Standby (Max). . . . . . . . . .138mW
• Single 5V Supply
• Full Military Temperature Range . . . . . . -55°C to +125°C

Applications
• Line Receiver for MIL-STD-1553 Serial Data Bus
• Line Receiver for RS422




Similar Part No. - HS-26CT32RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CT32RH-T INTERSIL-HS-26CT32RH-T Datasheet
43Kb / 3P
Radiation Hardened Quad Differential Line Receiver
July 1999
logo
Renesas Technology Corp
HS-26CT32RH-T RENESAS-HS-26CT32RH-T Datasheet
250Kb / 3P
Radiation HardenedQuad Differential Line Receiver
July 1999
More results


Similar Description - HS-26CT32RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
Radiation Hardened Quad Differential Line Driver
July 1999
HS-26CT32RH-T INTERSIL-HS-26CT32RH-T Datasheet
43Kb / 3P
Radiation Hardened Quad Differential Line Receiver
July 1999
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
Radiation Hardened Quad Differential Line Driver
May 27, 2010
HS-26C32RH INTERSIL-HS-26C32RH Datasheet
159Kb / 4P
Radiation Hardened Quad Differential Line Receiver
August 1, 2008
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
May 28, 2009
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
Radiation Hardened Quad Differential Line Drivers
February 23, 2012
HS-26CLV32RH INTERSIL-HS-26CLV32RH_13 Datasheet
217Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Receiver
January 8, 2013
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
Radiation Hardened Quad Differential Line Receiver
May 28, 2013
HS9-26C32RH-8 INTERSIL-HS9-26C32RH-8 Datasheet
227Kb / 4P
Radiation Hardened Quad Differential Line Receiver
May 28, 2013
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com