Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-3182 Datasheet (PDF) - Renesas Technology Corp

HS-3182 Datasheet PDF - Renesas Technology Corp
Part # HS-3182
Download  HS-3182 Download
File Size   358.56 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ARINC 429 Bus Interface Line Driver Circuit

HS-3182 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-3182 Datasheet PDF - Renesas Technology Corp

Part # HS-3182
Download  HS-3182 Click to download

File Size   358.56 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ARINC 429 Bus Interface Line Driver Circuit

HS-3182 Datasheet (HTML) - Renesas Technology Corp


HS-3182 Product details

Features
• RoHS/Pb-free Available for SBDIP Package (100% Gold
Termination Finish)
• TTL and CMOS Compatible Inputs
• Adjustable Rise and Fall Times via Two External
Capacitors
• Programmable Output Differential Voltage via VREF Input
• Operates at Data Rates Up to 100k Bits/s
• Output Short Circuit Proof and Contains Overvoltage
Protection
• Outputs are Inhibited (0V) If DATA (A) and DATA (B)
Inputs are Both in the “Logic One” State
• DATA (A) and DATA (B) Signals are “AND’d” with Clock
and Sync Signals
• Full Military Temperature Range




Similar Part No. - HS-3182

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182 Datasheet
196Kb / 7P
ARINC 429 Bus Interface Line Driver
June 5, 2007
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182 Datasheet
199Kb / 7P
ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
ARINC 429 Bus Interface Line Driver
June 5, 2007
More results


Similar Description - HS-3182

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
ARINC 429 LINE DRIVER
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
ARINC 429 Bus Interface Line Driver
June 5, 2007
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
ARINC 429 Bus Interface
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
ARINC 429 Differential Line Driver
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
ARINC 429 Line Driver
logo
Intersil Corporation
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
logo
Device Engineering Inco...
DEI1032 DEIAZ-DEI1032 Datasheet
373Kb / 8P
ARINC 429 Line Driver Integrated Circuit
DEI1038 DEIAZ-DEI1038 Datasheet
270Kb / 9P
ARINC 429 Line Driver Integrated Circuit
DEI1070A DEIAZ-DEI1070A Datasheet
315Kb / 12P
ARINC 429 LINE DRIVER FAMILY
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com