Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-3182 Datasheet (PDF) - Intersil Corporation

HS-3182 Datasheet PDF - Intersil Corporation
Part # HS-3182
Download  HS-3182 Download
File Size   199.6 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ARINC 429 Bus Interface Line Driver Circuit

HS-3182 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-3182 Datasheet PDF - Intersil Corporation

Part # HS-3182
Download  HS-3182 Click to download

File Size   199.6 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ARINC 429 Bus Interface Line Driver Circuit

HS-3182 Datasheet (HTML) - Intersil Corporation


HS-3182 Product details

The HS-3182 is a monolithic dielectric ally isolated bipolar
differential line driver designed to meet the specifications of
ARINC 429. This device is intended to be used with a
companion chip, HS-3282 CMOS ARINC Bus Interface
Circuit, which provides the data formatting and processor
interface function.
All logic inputs are TTL and CMOS compatible. In addition to
the DATA (A) and DATA (B) inputs, there are also inputs for
CLOCK and SYNC signals which are AND’d with the DATA
inputs. This feature enhances system performance and
allows the HS-3182 to be used with devices other than the
HS-3182.
Three power supplies are necessary to operate the HS-3182:
+V = +15V ±10%, -V = -15V ±10%, and V1 = 5V ±5%. VREF is
used to program the differential output voltage swing such that
VOUT (DIFF) = ±2VREF. Typically, VREF = V1 = 5V ±5%, but a
separate power supply may be used for VREF which should
not exceed 6V.
The driver output impedance is 75Ω ±20% at +25°C. Driver
output rise and fall times are independently programmed
through the use of two external capacitors connected to the CA
and CB inputs. Typical capacitor values are CA = CB = 75pF for
high-speed operation (100kBPS), and CA = CB = 300pF for
low-speed operation (12kBPS to 14.5kBPS). The outputs are
protected against overvoltage and short circuit as shown in the
Block Diagram. The HS-3182 is designed to operate over an
ambient temperature range of -55°C to +125°C, or -40°C to
+85°C

Features
• RoHS/Pb-free Available for SBDIP Package (100% Gold
Termination Finish)
• TTL and CMOS Compatible Inputs
• Adjustable Rise and Fall Times via Two External
Capacitors
• Programmable Output Differential Voltage via VREF Input
• Operates at Data Rates Up to 100k Bits/s
• Output Short Circuit Proof and Contains Overvoltage
Protection
• Outputs are Inhibited (0V) If DATA (A) and DATA (B)
Inputs are Both in the “Logic One” State
• DATA (A) and DATA (B) Signals are “AND’d” with Clock
and Sync Signals
• Full Military Temperature Range




Similar Part No. - HS-3182

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182 Datasheet
196Kb / 7P
ARINC 429 Bus Interface Line Driver
June 5, 2007
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
logo
Renesas Technology Corp
HS-3182 RENESAS-HS-3182 Datasheet
358Kb / 10P
ARINC 429 Bus Interface Line Driver Circuit
Feb 28, 2020
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
ARINC 429 Bus Interface Line Driver
June 5, 2007
More results


Similar Description - HS-3182

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
ARINC 429 LINE DRIVER
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
ARINC 429 Bus Interface Line Driver
June 5, 2007
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
ARINC 429 Bus Interface
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
ARINC 429 Differential Line Driver
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
ARINC 429 Line Driver
logo
Device Engineering Inco...
DEI1032 DEIAZ-DEI1032 Datasheet
373Kb / 8P
ARINC 429 Line Driver Integrated Circuit
DEI1038 DEIAZ-DEI1038 Datasheet
270Kb / 9P
ARINC 429 Line Driver Integrated Circuit
DEI1070A DEIAZ-DEI1070A Datasheet
315Kb / 12P
ARINC 429 LINE DRIVER FAMILY
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
ARINC 429 DIFFERENTIAL LINE DRIVER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com