Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C23 Datasheet (PDF) - Texas Instruments

ADS58C23 Datasheet PDF - Texas Instruments
Part # ADS58C23
Download  ADS58C23 Download
File Size   264.77 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual IF Receivers with SNRBoost3G Signal Processing

ADS58C23 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS58C23 Datasheet PDF - Texas Instruments

Part # ADS58C23
Download  ADS58C23 Click to download

File Size   264.77 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual IF Receivers with SNRBoost3G Signal Processing

ADS58C23 Datasheet (HTML) - Texas Instruments


ADS58C23 Product details

FEATURES
• Differential Analog IF Input, DDR LVDS Digital
IF Output
• Up to 125-MHz Signal Bandwidth per Receiver
– With 40- and 75-MHz optimized bands
• High Dynamic Performance
• High Impedance Input
• 80-Pin TQFP Package with PowerPAD™

APPLICATIONS
• ADS58C20: Multi-Carrier
GSM/3G/LTE/TDS-CDMA Cellular Base-station
Receiver
• ADS58C23: Multi-Carrier 3G/LTE/TDS-CDMA
Cellular Base-station Receiver

DESCRIPTION
The ADS58C20 and ADS58C23 are dual IF receivers for wideband, multi-mode cellular infrastructure base
stations. Each channel provides high dynamic performance up to 125 MHz of bandwidth, with optimized bands of
40- and 75-MHz. The IF receiver architecture eases front end filter design for wide bandwidth receivers. The
receivers have integrated buffers at the analog inputs with benefits of uniform performance and input impedance
across a wide frequency range.
The ADS58C20 is a high performance part with superior specifications for single/multi-mode cellular base-station
receivers that include multi-carrier GSM. It can also process other cellular protocols such as TDS-CDMA/3G/LTE
and prior generation systems.
The ADS58C23 offers the same functionality and pinout as ADS58C20 but with reduced minimum performance
specifications for lower cost and performance systems, such as TDS-CDMA/3G/LTE single/multi-mode receivers
(when GSM is not required). It can also process prior generation protocols.
The devices are available in a 80-pin TQFP package, and are specified over the full industrial temperature range
(–40°C to 85°C).




Similar Part No. - ADS58C23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58C23 TI1-ADS58C23 Datasheet
337Kb / 7P
Dual IF Receivers with SNRBoost3G Signal Processing
ADS58C23 TI2-ADS58C23 Datasheet
265Kb / 9P
Dual IF Receivers with SNRBoost3G Signal Processing
JUNE 2011
ADS58C23IPFP TI1-ADS58C23IPFP Datasheet
337Kb / 7P
Dual IF Receivers with SNRBoost3G Signal Processing
ADS58C23IPFP TI2-ADS58C23IPFP Datasheet
265Kb / 9P
Dual IF Receivers with SNRBoost3G Signal Processing
JUNE 2011
ADS58C23IPFP.A TI2-ADS58C23IPFP.A Datasheet
265Kb / 9P
Dual IF Receivers with SNRBoost3G Signal Processing
JUNE 2011
More results


Similar Description - ADS58C23

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
IF Signal Processing (VIFSIF) Cricuit for TV/VTR
logo
List of Unclassifed Man...
GE570 ETC1-GE570 Datasheet
142Kb / 7P
Dual Channel signal processing
logo
TEMIC Semiconductors
U2759B TEMIC-U2759B Datasheet
141Kb / 9P
IF Signal Processing for DAB
logo
NEC
UPC1820 NEC-UPC1820 Datasheet
786Kb / 24P
COLOR TV/VTR PLL IF SIGNAL PROCESSING IC
logo
Texas Instruments
ADS58C20 TI1-ADS58C20 Datasheet
337Kb / 7P
Dual IF Receivers with SNRBoost3G Signal Processing
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
ADXL195 AD-ADXL195 Datasheet
79Kb / 2P
High Performance Accelerometer with Dual Spectrum Signal Processing
Rev. SpA
logo
Texas Instruments
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
Dual Channel IF Receiver with SNRBoost3G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com