Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL195 Datasheet (PDF) - Analog Devices

ADXL195 Datasheet PDF - Analog Devices
Part # ADXL195
Download  ADXL195 Download
File Size   79.61 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Accelerometer with Dual Spectrum Signal Processing

ADXL195 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL195 Datasheet PDF - Analog Devices

Part # ADXL195
Download  ADXL195 Click to download

File Size   79.61 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Accelerometer with Dual Spectrum Signal Processing

ADXL195 Datasheet (HTML) - Analog Devices


ADXL195 Product details

GENERAL DESCRIPTION

The ADXL195/ADXL295 are dual spectrum accelerometers that measure baseband acceleration in up to two axes (XL-X and XL-Y), as well as high frequency (HF) acceleration energy. Identical, independent X and Y sense structures are implemented to achieve the best possible fail-safe performance.



FEATURES

Single-axis (ADXL195) and dual-axis (ADXL295) configurations

±120 g baseband acceleration channel

   12-bit resolution at 62.5 mg/LSB

   512 kHz data interpolation rate

40 gAVG high frequency signal processing channel

   10-bit resolution at 83.3 mg avg/LSB

   128 kHz data interpolation rate

Sensor frequency response down to dc

On-demand electromechanical self-test

On-demand HF signal injection self-test

Fully differential circuitry for high resistance to EMI/RFI

Independent x- and y-axis sense structures for robust

   FMEA performance

Independent x- and y-axis arming thresholds

Low noise

   1 LSB rms (12-bit baseband acceleration channel)

   2 LSB rms (10-bit high frequency acceleration channel)

Qualified for automotive applications

Temperature range: −40°C to +105°C

3.3 V and 5 V operation



APPLICATIONS

  Enhanced crash sensing

  Shock detection



 




Similar Part No. - ADXL195

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL190 AD-ADXL190 Datasheet
98Kb / 5P
Low Cost -100 gSingle Axis Accelerometer with Analog Output
REV.0
ADXL190EM-1 AD-ADXL190EM-1 Datasheet
169Kb / 2P
ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV.C
ADXL190WQC AD-ADXL190WQC Datasheet
98Kb / 5P
Low Cost -100 gSingle Axis Accelerometer with Analog Output
REV.0
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
REV. B
More results


Similar Description - ADXL195

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GE570 ETC1-GE570 Datasheet
142Kb / 7P
Dual Channel signal processing
MXD6125Q ETC1-MXD6125Q Datasheet
100Kb / 6P
Ultra High Performance 짹1g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
High Performance Wide Bandwidth Accelerometer
Rev. PrA
logo
Texas Instruments
ADS58C20 TI1-ADS58C20 Datasheet
337Kb / 7P
Dual IF Receivers with SNRBoost3G Signal Processing
logo
Analog Devices
ADXL288 AD-ADXL288 Datasheet
76Kb / 2P
High Performance, Dual-Axis Digital Output Accelerometer
Rev. Sp0
logo
List of Unclassifed Man...
MXD6125QB ETC2-MXD6125QB Datasheet
190Kb / 6P
Ultra High Performance 짹1g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
Monolithic Accelerometer With Signal Conditioning
REV. B
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
HIGH PERFORMANCE ACCELEROMETER
logo
MEMSIC Semiconductor (T...
MXC6235XQ MEMSIC-MXC6235XQ Datasheet
280Kb / 9P
Ultra High Performance 짹1.5 g Dual Axis Accelerometer with I2C Interface
Rev.C
MXD6235Q MEMSIC-MXD6235Q Datasheet
141Kb / 6P
Ultra High Performance 짹1g Dual Axis Accelerometer with Digital Outputs
Rev.A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com