Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL001 Datasheet (PDF) - Analog Devices

ADXL001 Datasheet PDF - Analog Devices
Part # ADXL001
Download  ADXL001 Download
File Size   410.59 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Wide Bandwidth Accelerometer

ADXL001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL001 Datasheet PDF - Analog Devices

Part # ADXL001
Download  ADXL001 Click to download

File Size   410.59 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Wide Bandwidth Accelerometer

ADXL001 Datasheet (HTML) - Analog Devices


ADXL001 Product details

GENERAL DESCRIPTION

The ADXL001 is a major advance over previous generations of accelerometers providing high performance and wide bandwidth. This part is ideal for industrial, medical, and military applications where wide bandwidth, small size, low power, and robust performance are essential.



FEATURES

High performance accelerometer

  ±70 g, ±250 g, and ±500 gwideband ranges available

   22 kHz resonant frequency structure

   High linearity: 0.2% of full scale

  Low noise: 4 mg/√Hz

Sensitive axis in the plane of the chip

Frequency response down to dc

Full differential signal processing

High resistance to EMI/RFI

Complete electromechanical self-test

Output ratiometric to supply

Velocity preservation during acceleration input overload

Low power consumption: 2.5 mA typical

8-terminal, hermetic ceramic, LCC package




Similar Part No. - ADXL001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL001-250BEZ AD-ADXL001-250BEZ Datasheet
307Kb / 16P
High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL001-250BEZ-R7 AD-ADXL001-250BEZ-R7 Datasheet
307Kb / 16P
High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL001-500BEZ AD-ADXL001-500BEZ Datasheet
307Kb / 16P
High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL001-500BEZ-R7 AD-ADXL001-500BEZ-R7 Datasheet
307Kb / 16P
High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL001-70BEZ AD-ADXL001-70BEZ Datasheet
307Kb / 16P
High Performance, Wide Bandwidth Accelerometer
REV. A
More results


Similar Description - ADXL001

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Analog Devices
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
High Performance, Wide Bandwidth Accelerometer
REV. A
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
Wide Bandwidth
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
HIGH PERFORMANCE ACCELEROMETER
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
Wide Bandwidth
logo
Analog Devices
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
4/2018-Revision 0
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
8/2018-Revision 0
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
1/2018-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com