Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC361 Datasheet (PDF) - Micross Components

HMC361 Datasheet PDF - Micross Components
Part # HMC361
Download  HMC361 Download
File Size   836.81 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Wide Bandwidth

HMC361 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC361 Datasheet PDF - Micross Components

Part # HMC361
Download  HMC361 Click to download

File Size   836.81 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Wide Bandwidth

HMC361 Datasheet (HTML) - Micross Components


HMC361 Product details

General Description
The HMC361 is a low noise Divide-by-2 Static Divider with InGaP GaAs HBT technology that has a small size of 1.14 x 0.69 mm. This device operates from DC (with a square wave input) to 11 GHz input frequency with a single +5V DC supply. The low additive SSB phase noise of -148 dBc/Hz at 100 kHz offset helps the user maintain good system noise performance.

Features
    Ultra Low SSB Phase Noise: -148 dBc/Hz
    Wide Bandwidth
    Output Power: 3 dBm
    Single DC Supply: +5V
    Small Size: 1.14 x 0.69 x 0.1 mm

Typical Applications
Prescaler for DC to X Band PLL Applications:
• Satellite Communication Systems
• Fiber Optic
• Point-to-Point and Point-to-Multi-Point Radios
• VSAT




Similar Part No. - HMC361

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC361 HITTITE-HMC361 Datasheet
201Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
HMC361 HITTITE-HMC361 Datasheet
190Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11 GHz
HMC361 HITTITE-HMC361 Datasheet
204Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11 GHz
logo
Analog Devices
HMC361 AD-HMC361 Datasheet
295Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11 GHz
logo
Hittite Microwave Corpo...
HMC361G8 HITTITE-HMC361G8 Datasheet
563Kb / 6P
SMT GaAs HBT MMIC
More results


Similar Description - HMC361

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VKC7980 CPI-VKC7980 Datasheet
616Kb / 2P
Wide Bandwidth Series
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
wide bandwidth
logo
Analog Devices
ADG799G AD-ADG799G_15 Datasheet
574Kb / 24P
Compatible, Wide Bandwidth
REV. 0
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
Wide Bandwidth
logo
Keysight Technologies
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
Wide-Bandwidth Oscilloscope
86100D-300 KEYSIGHT-86100D-300 Datasheet
3Mb / 37P
Wide-Bandwidth Oscilloscope
logo
Micross Components
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
Wide Bandwidth
logo
MTRONPTI
PA1007 MTRONPTI-PA1007 Datasheet
225Kb / 2P
Instantaneous wide bandwidth
logo
Analog Devices
HMC587LC4B AD-HMC587LC4B Datasheet
285Kb / 6P
Wide Tuning Bandwidth
logo
Mini-Circuits
K1-ADTL MINI-K1-ADTL Datasheet
263Kb / 1P
Very wide bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com