Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC361 Datasheet (PDF) - Hittite Microwave Corporation

HMC361 Datasheet PDF - Hittite Microwave Corporation
Part # HMC361
Download  HMC361 Download
File Size   190.75 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HBT MMIC DIVIDE-BY-2, DC - 11 GHz

HMC361 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC361 Datasheet PDF - Hittite Microwave Corporation

Part # HMC361
Download  HMC361 Click to download

File Size   190.75 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HBT MMIC DIVIDE-BY-2, DC - 11 GHz

HMC361 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC361

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC361 HITTITE-HMC361 Datasheet
201Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
HMC361 HITTITE-HMC361 Datasheet
204Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11 GHz
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
Wide Bandwidth
logo
Analog Devices
HMC361 AD-HMC361 Datasheet
295Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11 GHz
logo
Hittite Microwave Corpo...
HMC361G8 HITTITE-HMC361G8 Datasheet
563Kb / 6P
SMT GaAs HBT MMIC
More results


Similar Description - HMC361

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC361 HITTITE-HMC361 Datasheet
201Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
HMC364 HITTITE-HMC364 Datasheet
187Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC361 HITTITE-HMC361_07 Datasheet
204Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11 GHz
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC362 HITTITE-HMC362_07 Datasheet
206Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 11 GHz
HMC364 HITTITE-HMC364_07 Datasheet
209Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC364 HITTITE-HMC364_09 Datasheet
192Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC362 HITTITE-HMC362_09 Datasheet
200Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 11 GHz
logo
Analog Devices
HMC361 AD-HMC361 Datasheet
295Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com