Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC364 Datasheet (PDF) - Hittite Microwave Corporation

HMC364 Datasheet PDF - Hittite Microwave Corporation
Part # HMC364
Download  HMC364 Download
File Size   187.96 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz

HMC364 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC364 Datasheet PDF - Hittite Microwave Corporation

Part # HMC364
Download  HMC364 Click to download

File Size   187.96 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz

HMC364 Datasheet (HTML) - Hittite Microwave Corporation


HMC364 Product details

General Description
The HMC364 is a low noise Divide-by-2 Static Divider with InGaP GaAs HBT technology that has a small size of 1.14 x 0.69 mm. This device operates from DC (with a square wave input) to 13 GHz input frequency with a single +5V DC supply. The low additive SSB phase noise of -145 dBc/Hz at 100 kHz offset helps the user maintain good system noise performance.

Features
    Ultra Low SSB Phase Noise: -145 dBc/Hz
    Wide Bandwidth
    Output Power: 4 dBm
    Single DC Supply: +5V
    Small Size: 1.14 x 0.69 x 0.1 mm

Typical Applications
Prescaler for DC to Ku Band PLL Applications:
• Satellite Communication Systems
• Fiber Optic
• Point-to-Point and Point-to-Multi-Point Radios
• VSAT




Similar Part No. - HMC364

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC364 HITTITE-HMC364 Datasheet
192Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC364 HITTITE-HMC364 Datasheet
209Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC364G8 HITTITE-HMC364G8 Datasheet
270Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC364G8 HITTITE-HMC364G8 Datasheet
216Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC364G8 HITTITE-HMC364G8_08 Datasheet
216Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
More results


Similar Description - HMC364

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC361 HITTITE-HMC361 Datasheet
201Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
HMC364G8 HITTITE-HMC364G8 Datasheet
270Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC365 HITTITE-HMC365 Datasheet
205Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365G8 HITTITE-HMC365G8 Datasheet
267Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G Datasheet
264Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC364 HITTITE-HMC364_07 Datasheet
209Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G_06 Datasheet
359Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC364 HITTITE-HMC364_09 Datasheet
192Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC361 HITTITE-HMC361_09 Datasheet
190Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com