Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC365S8G Datasheet (PDF) - Hittite Microwave Corporation

HMC365S8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC365S8G
Download  HMC365S8G Download
File Size   264.92 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz

HMC365S8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC365S8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC365S8G
Download  HMC365S8G Click to download

File Size   264.92 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz

HMC365S8G Datasheet (HTML) - Hittite Microwave Corporation


HMC365S8G Product details

General Description
The HMC365S8G & HMC365S8GE are low noise Divide-by-4 Static Dividers with InGaP GaAs HBT technology in 8 lead surface mount plastic packages. This device operates from DC (with a square wave input) to 13 GHz input frequency with a single +5V DC supply. The low additive SSB phase noise of -151 dBc/Hz at 100 kHz offset helps the user maintain good system noise performance.

Features
    Ultra Low SSB Phase Noise: -151 dBc/Hz
    Wide Bandwidth
    Output Power: 5 dBm
    Single DC Supply: +5V
    S8G SMT Package

Typical Applications
Prescaler for DC to Ku Band PLL Applications:
• Satellite Communication Systems
• Fiber Optic
• Point-to-Point and Point-to-Multi-Point Radios
• VSAT




Similar Part No. - HMC365S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC365S8G HITTITE-HMC365S8G Datasheet
236Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC365S8G HITTITE-HMC365S8G Datasheet
359Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
logo
Analog Devices
HMC365S8G AD-HMC365S8G Datasheet
345Kb / 6P
Satellite Communication Systems
logo
Hittite Microwave Corpo...
HMC365S8GE HITTITE-HMC365S8GE Datasheet
236Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
logo
Analog Devices
HMC365S8GE AD-HMC365S8GE Datasheet
345Kb / 6P
Satellite Communication Systems
More results


Similar Description - HMC365S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC364 HITTITE-HMC364 Datasheet
187Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC364G8 HITTITE-HMC364G8 Datasheet
270Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC365 HITTITE-HMC365 Datasheet
205Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365G8 HITTITE-HMC365G8 Datasheet
267Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC433 HITTITE-HMC433 Datasheet
225Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G_06 Datasheet
359Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC433 HITTITE-HMC433_10 Datasheet
228Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
logo
Analog Devices
HMC362S8G AD-HMC362S8G Datasheet
541Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
HMC365G8 AD-HMC365G8 Datasheet
350Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com