Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC365S8G Datasheet (PDF) - Analog Devices

HMC365S8G Datasheet PDF - Analog Devices
Part # HMC365S8G
Download  HMC365S8G Download
File Size   345.73 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Satellite Communication Systems

HMC365S8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC365S8G Datasheet PDF - Analog Devices

Part # HMC365S8G
Download  HMC365S8G Click to download

File Size   345.73 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Satellite Communication Systems

HMC365S8G Datasheet (HTML) - Analog Devices


HMC365S8G Product details

General Description
The HMC365S8G & HMC365S8GE are low noise Divide-by-4 Static Dividers with InGaP GaAs HBT technology in 8 lead surface mount plastic packages. This device operates from DC (with a square wave input) to 13 GHz input frequency with a single +5V DC supply. The low additive SSB phase noise of -151 dBc/Hz at 100 kHz offset helps the user maintain good system noise performance.

Features
    Ultra Low SSB Phase Noise: -151 dBc/Hz
    Wide Bandwidth
    Output Power: 5 dBm
    Single DC Supply: +5V
    S8G SMT Package

Typical Applications
Prescaler for DC to Ku Band PLL Applications:
• Satellite Communication Systems
• Fiber Optic
• Point-to-Point and Point-to-Multi-Point Radios
• VSAT




Similar Part No. - HMC365S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC365S8G HITTITE-HMC365S8G Datasheet
264Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G Datasheet
236Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC365S8G HITTITE-HMC365S8G Datasheet
359Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8GE HITTITE-HMC365S8GE Datasheet
236Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC365S8G HITTITE-HMC365S8G_06 Datasheet
359Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
More results


Similar Description - HMC365S8G

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA3240C-LF ZCOMM-PSA3240C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
PSA3295C-LF ZCOMM-PSA3295C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
PSA3500A ZCOMM-PSA3500A Datasheet
76Kb / 2P
Satellite Communication
DRO8000A ZCOMM-DRO8000A Datasheet
144Kb / 2P
Voltage-Controlled Oscillator Satellite Communication Systems
logo
Micross Components
HMC339 MICROSS-HMC339 Datasheet
953Kb / 11P
Satellite Communication Systems
HMC362 MICROSS-HMC362 Datasheet
846Kb / 9P
Satellite Communication Systems
HMC404 MICROSS-HMC404 Datasheet
893Kb / 11P
Satellite Communication Systems
HMC555 MICROSS-HMC555 Datasheet
891Kb / 9P
Satellite Communication Systems
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
Satellite communication systems
HMC365 AD-HMC365 Datasheet
301Kb / 6P
Satellite Communication Systems
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com