Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC339 Datasheet (PDF) - Micross Components

HMC339 Datasheet PDF - Micross Components
Part # HMC339
Download  HMC339 Download
File Size   953.51 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Satellite Communication Systems

HMC339 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC339 Datasheet PDF - Micross Components

Part # HMC339
Download  HMC339 Click to download

File Size   953.51 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Satellite Communication Systems

HMC339 Datasheet (HTML) - Micross Components


HMC339 Product details

General Description
The HMC339 chip is a sub-harmonically pumped (x2) MMIC mixer with an integrated LO amplifi er which can be used as an upconverter or downconverter. The chip utilizes a GaAs PHEMT technology that results in a small overall chip area of 1.07mm2. The 2LO to RF isolation is excellent eliminating the need for additional fi ltering. The LO amplifi er is a single bias (+3V to +4V) two stage design with only +2 dBm nominal drive requirement. All data is measured with the chip in a 50 ohm test fi xture connected via 0.025mm (3 mil) ribbon bonds of minimal length <0.31 mm (<12 mils).

Features
   Integrated LO Amplifier: +2 dBm Input
   Sub-Harmonically Pumped (x2) LO
   High 2LO/RF Isolation: > 37 dB
   Die Size: 1.32 x 0.81 x 0.1 mm

Typical Applications
The HMC339 is ideal for:
• 33 to 42 GHz Microwave Radios
• Up and Down Converter for Point to Point Radios
• Satellite Communication Systems




Similar Part No. - HMC339

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC339 HITTITE-HMC339 Datasheet
285Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
HMC339 HITTITE-HMC339 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
logo
Analog Devices
HMC339 AD-HMC339 Datasheet
416Kb / 8P
The HMC339 is ideal for
logo
Hittite Microwave Corpo...
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
More results


Similar Description - HMC339

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA3240C-LF ZCOMM-PSA3240C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
PSA3295C-LF ZCOMM-PSA3295C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
PSA3500A ZCOMM-PSA3500A Datasheet
76Kb / 2P
Satellite Communication
DRO8000A ZCOMM-DRO8000A Datasheet
144Kb / 2P
Voltage-Controlled Oscillator Satellite Communication Systems
logo
Micross Components
HMC362 MICROSS-HMC362 Datasheet
846Kb / 9P
Satellite Communication Systems
HMC404 MICROSS-HMC404 Datasheet
893Kb / 11P
Satellite Communication Systems
HMC555 MICROSS-HMC555 Datasheet
891Kb / 9P
Satellite Communication Systems
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
Satellite communication systems
HMC365 AD-HMC365 Datasheet
301Kb / 6P
Satellite Communication Systems
HMC365S8G AD-HMC365S8G Datasheet
345Kb / 6P
Satellite Communication Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com