Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC339 Datasheet (PDF) - Analog Devices

HMC339 Datasheet PDF - Analog Devices
Part # HMC339
Download  HMC339 Download
File Size   416.68 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description The HMC339 is ideal for

HMC339 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC339 Datasheet PDF - Analog Devices

Part # HMC339
Download  HMC339 Click to download

File Size   416.68 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description The HMC339 is ideal for

HMC339 Datasheet (HTML) - Analog Devices


HMC339 Product details

General Description
The HMC339 chip is a sub-harmonically pumped (x2) MMIC mixer with an integrated LO amplifi er which can be used as an upconverter or downconverter. The chip utilizes a GaAs PHEMT technology that results in a small overall chip area of 1.07mm2. The 2LO to RF isolation is excellent eliminating the need for additional fi ltering. The LO amplifi er is a single bias (+3V to +4V) two stage design with only +2 dBm nominal drive requirement. All data is measured with the chip in a 50 ohm test fi xture connected via 0.025mm (3 mil) ribbon bonds of minimal length <0.31 mm (<12 mils).

Features
   Integrated LO Amplifier: +2 dBm Input
   Sub-Harmonically Pumped (x2) LO
   High 2LO/RF Isolation: > 37 dB
   Die Size: 1.32 x 0.81 x 0.1 mm

Typical Applications
The HMC339 is ideal for:
• 33 to 42 GHz Microwave Radios
• Up and Down Converter for Point to Point Radios
• Satellite Communication Systems




Similar Part No. - HMC339

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC339 HITTITE-HMC339 Datasheet
285Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
HMC339 HITTITE-HMC339 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
logo
Micross Components
HMC339 MICROSS-HMC339 Datasheet
953Kb / 11P
Satellite Communication Systems
logo
Hittite Microwave Corpo...
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
More results


Similar Description - HMC339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG ETC2-EFM32WG Datasheet
13Mb / 834P
The EFM32WG Wonder Gecko is the ideal choice for demanding 8-, 16-, and 32-bit energy sensitive applications.
logo
Ralston Instruments.
QTFT-HNS0 RALSTON-QTFT-HNS0 Datasheet
298Kb / 1P
Ideal for situations where frequent calibration of a DP transmitter using the bleeder port is required
logo
Marl International Limi...
665-501-04-5012 MARL-665-501-04-5012_15 Datasheet
397Kb / 4P
Short body length is ideal for portable equipment
logo
JMK Inc.
ZF-1954-15 JMK-ZF-1954-15 Datasheet
33Kb / 1P
The ZF1954-15 is ideal for the military and TEMPEST environments.
logo
Micross Components
HMC144 MICROSS-HMC144 Datasheet
822Kb / 11P
The HMC143 & HMC144 is ideal for
logo
NEC
GT110D NEC-GT110D Datasheet
904Kb / 2P
The ideal first server
logo
Central Semiconductor C...
CPD65-BAV45 CENTRAL-CPD65-BAV45 Datasheet
545Kb / 4P
The CPD65-BAV45 is a silicon 50mA, 35 Volt diode ideal for low leakage applications.
logo
PHOENIX CONTACT
0804195 PHOENIX-0804195 Datasheet
57Kb / 3P
The EML-RM label is ideal for temporary marking.
logo
Kingston Technology Far...
DT2000 KINGSTON-DT2000 Datasheet
581Kb / 2P
Ideal when security is key
logo
Maxim Integrated Produc...
MAX14676D MAXIM-MAX14676D Datasheet
46Kb / 5P
The MAX14676D is a battery charge management solutions ideal for low-power wearable applications
September 28, 2014
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com