Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC144 Datasheet (PDF) - Micross Components

HMC144 Datasheet PDF - Micross Components
Part # HMC144
Download  HMC144 Download
File Size   823.25 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave Point-to-Point Radios

HMC144 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC144 Datasheet PDF - Micross Components

Part # HMC144
Download  HMC144 Click to download

File Size   823.25 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave Point-to-Point Radios

HMC144 Datasheet (HTML) - Micross Components


HMC144 Product details

General Description
The HMC143 chip is a minature double-balanced mixer which can be used as an upconverter or downconverter. The chip utilizes a standard 1μm GaAs MESFET process. The HMC144 is identical to the HMC143 except that the layout is a mirror image designed to ease integration into image-reject mixer modules. Broadband operation and excellent isolations are provided by on-chip baluns, which require no external components and no DC bias. The design is similar to the HMC141/142 mixers but with an IF combiner in a double-balanced design, providing improved RF/IF isolation. These devices are much smaller and more reliable replacements to hybrid diode mixers.

Features
    Input IP3: +25 dBm
    LO / RF Isolation: 30 dB
    IF Bandwidth: DC to 3 GHz
    Small Size: 2.10 x 1.45 x 0.1 mm

Typical Applications
The HMC143 & HMC144 is ideal for:
• Microwave Point-to-Point Radios
• VSAT




Similar Part No. - HMC144

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC144 HITTITE-HMC144 Datasheet
118Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC144 HITTITE-HMC144 Datasheet
183Kb / 8P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
logo
Micross Components
HMC144 MICROSS-HMC144 Datasheet
822Kb / 11P
The HMC143 & HMC144 is ideal for
logo
Hittite Microwave Corpo...
HMC144LC4 HITTITE-HMC144LC4 Datasheet
281Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LC4 HITTITE-HMC144LC4 Datasheet
201Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
More results


Similar Description - HMC144

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC258 MICROSS-HMC258 Datasheet
900Kb / 9P
Microwave Point-to-Point Radios
HMC264 MICROSS-HMC264 Datasheet
984Kb / 11P
Microwave Point-to-Point Radios
HMC265 MICROSS-HMC265 Datasheet
911Kb / 9P
Microwave Point-to-Point Radios
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
Microwave Point-to-Point Radios
HMC560 MICROSS-HMC560 Datasheet
1,004Kb / 9P
Microwave Point-to-Point Radios
logo
Analog Devices
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
Point to point microwave radios
Rev. 0
ADL5725 AD-ADL5725 Datasheet
437Kb / 13P
Point to point microwave radios
Rev. 0
ADL5726 AD-ADL5726 Datasheet
353Kb / 13P
Point to point microwave radios
Rev. A
HMC342 AD-HMC342 Datasheet
308Kb / 6P
Microwave Point-to-Point Radios
HMC753 AD-HMC753 Datasheet
429Kb / 14P
Point to point radios
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com