Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC560 Datasheet (PDF) - Micross Components

HMC560 Datasheet PDF - Micross Components
Part # HMC560
Download  HMC560 Download
File Size   1004.35 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave Point-to-Point Radios

HMC560 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC560 Datasheet PDF - Micross Components

Part # HMC560
Download  HMC560 Click to download

File Size   1004.35 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave Point-to-Point Radios

HMC560 Datasheet (HTML) - Micross Components


HMC560 Product details

General Description
The HMc560 chip is a miniature passive double balanced mixer which is fabricated in a Gaas MesFeT process, and can be used as an upconverter or downconverter from 24-40 GHz in a small chip area. The wide bandwidth allows this device to be used across multiple radio bands with a common platform. excellent isolations are provided by on-chip baluns, and the chip requires no external components and no Dc bias. Measurements were made with the chip mounted and ribbon bonded into in a 50-ohm microstrip test fxture. Measured data includes the parasitic effects of the assembly. rF connections to the chip were made with 0.076mm (3-mil) ribbon bond with minimal length <0.31mm (<12 mil).

Features
    Wide iF bandwidth: Dc - 18 GHz
    input iP3: +21 dbm
    High lo/rF isolation: 35 db
    Passive Double balanced Topology
    compact size: 1.15 x 0.78 x 0.1 mm

Typical Applications
The HMc560 is ideal for:
    • Test Equipment & Sensors
    • Microwave Point-to-Point Radios
    • Point-to-Multi-Point Radios
    • Military & Space




Similar Part No. - HMC560

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC560 HITTITE-HMC560 Datasheet
289Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
HMC560 HITTITE-HMC560 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
logo
Analog Devices
HMC560A AD-HMC560A Datasheet
786Kb / 29P
24 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
9/2020-Revision 0
HMC560A-SX AD-HMC560A-SX Datasheet
786Kb / 29P
24 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
9/2020-Revision 0
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
More results


Similar Description - HMC560

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
Microwave Point-to-Point Radios
HMC258 MICROSS-HMC258 Datasheet
900Kb / 9P
Microwave Point-to-Point Radios
HMC264 MICROSS-HMC264 Datasheet
984Kb / 11P
Microwave Point-to-Point Radios
HMC265 MICROSS-HMC265 Datasheet
911Kb / 9P
Microwave Point-to-Point Radios
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
Microwave Point-to-Point Radios
logo
Analog Devices
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
Point to point microwave radios
Rev. 0
ADL5725 AD-ADL5725 Datasheet
437Kb / 13P
Point to point microwave radios
Rev. 0
ADL5726 AD-ADL5726 Datasheet
353Kb / 13P
Point to point microwave radios
Rev. A
HMC342 AD-HMC342 Datasheet
308Kb / 6P
Microwave Point-to-Point Radios
HMC753 AD-HMC753 Datasheet
429Kb / 14P
Point to point radios
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com