Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC365G8 Datasheet (PDF) - Hittite Microwave Corporation

HMC365G8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC365G8
Download  HMC365G8 Download
File Size   267.87 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz

HMC365G8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC365G8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC365G8
Download  HMC365G8 Click to download

File Size   267.87 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz

HMC365G8 Datasheet (HTML) - Hittite Microwave Corporation


HMC365G8 Product details

General Description
The HMC365G8 is a low noise Divide-by-4 Static Divider with InGaP GaAs HBT technology in an 8 lead glass/metal (hermetic) surface mount hermetic package. This device operates from DC (with a square wave input) to 13.0 GHz input frequency with a single +5.0V DC supply. The low additive SSB phase noise of -151 dBc/Hz at 100 kHz offset helps the user maintain good system noise performance.

Features
   Ultra Low SSB Phase Noise: -151 dBc/Hz
   Wide Bandwidth
   Output Power: 7 dBm
   Single DC Supply: +5V
   8 Lead Hermetic SMT Package

Typical Applications
Prescaler for DC to Ku Band PLL Applications:
• Point-to-Point / Multi-Point Radios
• VSAT Radios
• Fiber Optic
• Test Equipment
• Space & Military




Similar Part No. - HMC365G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC365G8 HITTITE-HMC365G8 Datasheet
235Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC365G8 HITTITE-HMC365G8 Datasheet
330Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
logo
Analog Devices
HMC365G8 AD-HMC365G8 Datasheet
350Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
logo
Hittite Microwave Corpo...
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365G8 HITTITE-HMC365G8_10 Datasheet
235Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
More results


Similar Description - HMC365G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC364 HITTITE-HMC364 Datasheet
187Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC364G8 HITTITE-HMC364G8 Datasheet
270Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC365 HITTITE-HMC365 Datasheet
205Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G Datasheet
264Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC433 HITTITE-HMC433 Datasheet
225Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G_06 Datasheet
359Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC433 HITTITE-HMC433_10 Datasheet
228Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
logo
Analog Devices
HMC362S8G AD-HMC362S8G Datasheet
541Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12 GHz
HMC365G8 AD-HMC365G8 Datasheet
350Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com