Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7845 Datasheet (PDF) - Texas Instruments

ADS7845 Datasheet PDF - Texas Instruments
Part # ADS7845
Download  ADS7845 Download
File Size   270.02 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TOUCH SCREEN CONTROLLER

ADS7845 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7845 Datasheet PDF - Texas Instruments

Part # ADS7845
Download  ADS7845 Click to download

File Size   270.02 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TOUCH SCREEN CONTROLLER

ADS7845 Datasheet (HTML) - Texas Instruments


ADS7845 Product details

FEATURES
5-WIRE TOUCH SCREEN INTERFACE
RATIOMETRIC CONVERSION
SINGLE SUPPLY: 2V to 5V
UP TO 125kHz CONVERSION RATE
SERIAL INTERFACE
PROGRAMMABLE 8- OR 12-BIT RESOLUTION
AUXILIARY ANALOG INPUTS
FULL POWER-DOWN CONTROL

APPLICATIONS
PERSONAL DIGITAL ASSISTANTS
PORTABLE INSTRUMENTS
POINT-OF-SALES TERMINALS
PAGERS
TOUCH-SCREEN MONITORS

DESCRIPTION
The ADS7845 is a 12-bit sampling analog-to-digital
converter (ADC) with a synchronous serial interface
and low on-resistance switches for driving touch
screens. Typical power dissipation is 750mW at a
125kHz throughput rate and a +2.7V supply. The
reference voltage (VREF) can be varied between 1V and
+VCC, providing a corresponding input voltage range
of 0V to VREF. The device includes a shutdown mode
which reduces typical power dissipation to under
0.5mW. The ADS7845 is guaranteed down to 2.7V
operation.
Low power, high speed, and on-board switches make
the ADS7845 ideal for battery-operated systems such
as personal digital assistants with resistive touch screens
and other portable equipment. The ADS7845 is available
in a 16-lead SSOP package and is guaranteed
over the –40°C to +85°C temperature range.




Similar Part No. - ADS7845

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7845 TI-ADS7845 Datasheet
323Kb / 16P
5-WIRE TOUCH SCREEN INTERFACE, RATIOMETRIC CONVERSION, SINGLE SUPPLY:2V to 5V
logo
Burr-Brown (TI)
ADS7845E BURR-BROWN-ADS7845E Datasheet
173Kb / 12P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7845E TI-ADS7845E Datasheet
323Kb / 16P
5-WIRE TOUCH SCREEN INTERFACE, RATIOMETRIC CONVERSION, SINGLE SUPPLY:2V to 5V
logo
Burr-Brown (TI)
ADS7845E BURR-BROWN-ADS7845E Datasheet
285Kb / 13P
EVALUATION FIXTURE
More results


Similar Description - ADS7845

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
Touch Screen Controller
11/04-Changed from Rev. 0 to Rev. A
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
Touch Screen Controller
2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com