Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE58JD32LP Datasheet (PDF) - Texas Instruments

AFE58JD32LP Datasheet PDF - Texas Instruments
Part # AFE58JD32LP
Download  AFE58JD32LP Download
File Size   238.92 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE58JD32LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/√Hz, 12- Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator

AFE58JD32LP Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE58JD32LP Datasheet PDF - Texas Instruments

Part # AFE58JD32LP
Download  AFE58JD32LP Click to download

File Size   238.92 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE58JD32LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/√Hz, 12- Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator

AFE58JD32LP Datasheet (HTML) - Texas Instruments


AFE58JD32LP Product details

1 Features
1• 32-Channel AFE for Ultrasound Applications:
– LNA, Attenuator, LPF, ADC, CW Mixer, and
Digital I/Q Demodulator
– Digital Time Gain Compensation (DTGC)
– Total Gain Range: 0 dB to 48 dB
• Low-Noise Amplifier (LNA) With Programmable
Gain:
– Low Current Noise of 1pA/rtHz
– Gain: 21 dB, 18 dB, and 15 dB
– Linear Input Range: up to 700 mVPP
• Programmable Attenuator (ATTEN):
– Attenuation Range (Steps of 0.125 dB):
0 to 36 dB
– Digital TGC Engine
• Programmable Gain Amplifier (PGA):
– Gain: 21 dB, 24 dB, and 27 dB
• Third-Order, Linear-Phase, Low-Pass Filter (LPF):
– Cut-off Frequency From 10 MHz to 25 MHz
• 16 ADCs Converting at 12-Bit, 80 MSPS or 10-Bit,
100 MSPS:
– Each ADC Converts Two Sets of Inputs at Half
Rate
– 12-Bit Mode: 72-dBFS SNR
– 10-Bit Mode: 61-dBFS SNR
• TGC Mode Power w/o digital I/Q Demodulator:
– Lowest Power of 18.5 mW/Ch in Low Power
Mode, 4 nV/rtHz, 10-Bit, 20 MSPS, LVDS (2x
rate)
– 27.8 mW/Ch at 3 nV/rtHz in Low Noise Mode
at 12-Bit, 40 MSPS
– 24.4 mW/Ch at 4 nV/rtHz in Low Power Mode
at 12-Bit, 40 MSPS
• Excellent Device-to-Device Gain Matching:
– ±0.5 dB (Typical)
• Harmonic Distortion: –55 dBc level
• Fast and Consistent Overload Recovery
• Continuous Wave (CW) Path With:
– Low Close-In Phase Noise of –148 dBc/Hz at
1-kHz Frequency Offset off 5-MHz Carrier
– Power Consumption w/o Signal: 10 mW/Ch
– Phase Resolution: λ/16
– 12-dB Suppression on Third and Fifth
Harmonics
• Digital I/Q demodulator:
– Decimation Filter M = 1 to 63
– Data Throughput Reduction After Decimation
– On-Chip RAM with 32 Preset Profiles
• LVDS Interface with a Speed Up to 1-Gbps
• Small Package: 15-mm × 15-mm NFBGA-289

2 Applications
• Medical Ultrasound Imaging
• Nondestructive Evaluation Equipment
• Sonar Imaging Equipment
• In-Probe Electronics

3 Description
The AFE58JD32LP is a highly integrated, analog
front-end (AFE) solution specifically designed for
portable ultrasound systems where high performance,
low power, and small size are required.




Similar Part No. - AFE58JD32LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE58JD32LP TI1-AFE58JD32LP Datasheet
212Kb / 6P
AFE58JD32LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/?숰z, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
AFE58JD32LPZAV TI1-AFE58JD32LPZAV Datasheet
212Kb / 6P
AFE58JD32LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/?숰z, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
More results


Similar Description - AFE58JD32LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE58JD16 TI-AFE58JD16_15 Datasheet
179Kb / 9P
AFE58JD16 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE58JD18 TI-AFE58JD18_15 Datasheet
846Kb / 12P
AFE58JD18 16-Channel, Ultrasound AFE with 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC,Passive CW Mixer, I/Q Demodulator, and LVDS, JESD204B Outputs
AFE5816 TI-AFE5816_15 Datasheet
189Kb / 9P
AFE5816 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE58JD28 TI1-AFE58JD28 Datasheet
148Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, Digital Demodulator, JESD or LVDS Interface, and Passive CW Mixer
AFE5828 TI1-AFE5828 Datasheet
147Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, LVDS Interface, and Passive CW Mixer
AFE58JD32 TI1-AFE58JD32 Datasheet
874Kb / 9P
32-Channel Ultrasound AFE With 42-mW/Channel Power,12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output, Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
AFE5832 TI1-AFE5832 Datasheet
876Kb / 9P
32-Channel Ultrasound AFE With 42-mW/Channel Power, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output, Passive CW Mixer and LVDS Interface
AFE5832LP TI1-AFE5832LP Datasheet
178Kb / 8P
32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/?숰z, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer
AFE58JD48 TI1-AFE58JD48 Datasheet
200Kb / 7P
AFE58JD48 16-Channel Ultrasound AFE with 140-mW/Channel Power, 0.8-nV/?숰z Noise, 16-Bit, 125-MSPS ADC with JESD or LVDS Interface, Digital Demodulator, and Passive CW Mixer
AFE58JD32LP TI1-AFE58JD32LP Datasheet
212Kb / 6P
AFE58JD32LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/?숰z, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com