Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE58JD32LP Datasheet(PDF) 2 Page - Texas Instruments

Part # AFE58JD32LP
Description  AFE58JD32LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/√Hz, 12- Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE58JD32LP Datasheet(HTML) 2 Page - Texas Instruments

  AFE58JD32LP Datasheet HTML 1Page - Texas Instruments AFE58JD32LP Datasheet HTML 2Page - Texas Instruments AFE58JD32LP Datasheet HTML 3Page - Texas Instruments AFE58JD32LP Datasheet HTML 4Page - Texas Instruments AFE58JD32LP Datasheet HTML 5Page - Texas Instruments AFE58JD32LP Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
AFE58JD32LP
SBASA47 – MARCH 2020
www.ti.com
Product Folder Links: AFE58JD32LP
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
4 Description (continued)
The device is realized through a multichip module (MCM) with two dies: 1 VCA die and 1 ADC die. The VCA die
has 32 channels that interface with the 16 channels of the ADC die. Each ADC channel alternately converts an
odd and an even VCA channel.
Each channel in the VCA die can be configured in either of two modes: time-gain-compensation (TGC) mode or
continuous wave (CW) mode. In the TGC mode, each channel includes a low-noise amplifier (LNA), a
programmable attenuator (ATTEN), a programmable gain amplifier and a third-order, low-pass filter (LPF). The
LNA gain is programmable to 21 dB, 18 dB, or 15 dB. The ATTEN supports an attenuation range of 0 dB to 36
dB, with digital control for the attenuation. The PGA provides gain options from 21 dB to 27 dB in steps of 3 dB.
The LPF cutoff frequency can be set between 10 MHz and 25 MHz to support ultrasound applications with
different frequencies. In the CW mode, the output of the LNA goes to a low-power passive mixer with 16
selectable phase delays. Different phase delays can be applied to each analog input signal to perform an on-chip
beamforming operation. A harmonic filter in the CW mixer suppresses the third and fifth harmonic to enhance the
sensitivity of the CW Doppler measurement.
The 16 channels of the ADC die can be configured to operate with a resolution of 12 bits or 10 bits. The ADC
resolution can be traded off with conversion rate and can operate at maximum speeds of 80 MSPS and 100
MSPS at 12-bit and 10-bit resolution, respectively. Because each ADC alternately converts two VCA channels,
the resulting maximum sample rate of each of the 32 channels of the AFE is 40 MSPS and 50 MSPS in the 12-
bit and 10-bit modes, respectively. The ADC is designed to scale its power with sampling rate. The output
interface of the ADC comes out through a low-voltage differential signaling (LVDS), which can easily interface
with low-cost field-programmable gate arrays (FPGAs).
A very low-power AFE solution makes it suitable for system with strict battery-life requirement.
The AFE is available in a 15 mm × 15 mm 289-pin NFBGA package and is pin-compatible with the AFE5832
family.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com