Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7769 Datasheet (PDF) - Texas Instruments

AFE7769 Datasheet PDF - Texas Instruments
Part # AFE7769
Download  AFE7769 Download
File Size   304.29 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE7769 Quad-Channel RF Transceiver With Feedback Path

AFE7769 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE7769 Datasheet PDF - Texas Instruments

Part # AFE7769
Download  AFE7769 Click to download

File Size   304.29 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE7769 Quad-Channel RF Transceiver With Feedback Path

AFE7769 Datasheet (HTML) - Texas Instruments


AFE7769 Product details

1 Features
1• Quad transmitters based on direct up-conversion
architecture:
– Up to 600 MHz of RF transmitted bandwidth
per chain
• Quad receivers based on 0-IF down-conversion
architecture:
– Up to 200 MHz of RF received bandwidth per
chain
• Feedback chain based on RF sampling ADC:
– Up to 600 MHz of RF received bandwidth
• RF frequency range: 600 MHz to 6 GHz
• Four wideband fractional-N PLL, VCO for TX and
RX LO
• Dedicated integer-N PLL, VCO for data converters
clock generation
• JESD204B and JESD204C SerDes interface
support:
– 8 SerDes transceivers up to 29.5 Gbps
– 8b/10b and 64b/66b encoding
– 16-bit, 12-bit, 24-bit and 32-bit formatting
– Subclass 1 multi-device synchronization
• Package: 17-mm × 17-mm FCBGA, 0.8-mm pitch

2 Applications
• Macro remote radio unit (RRU)
• Small cell base station
• Active antenna system mMIMO (AAS)
• Distributed Antenna Systems (DAS)
• Repeater

3 Description
The AFE7769 device is a high-performance,
multichannel transceiver, integrating four direct upconversion
transmitter chains, four direct downconversion
receiver chains, and two wideband RF
sampling digitizing auxiliary chains (feedback paths).
The high dynamic range of the transmitter and
receiver chains enables wireless base stations to
generate and receive 2G, 3G, 4G, and 5G signals.
The low power dissipation and large channel
integration of the AFE7769 allows the device to
address the power and size constraints of 4G and 5G
massive MIMO base stations. The wideband and high
dynamic range feedback path can assist the Digital
Pre-Distortion (DPD) of the power amplifiers in the
transmitter chain. The fast SerDes speed can help
reduce the number of lanes required to transfer the
data in and out.




Similar Part No. - AFE7769

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7769D TI1-AFE7769D Datasheet
1Mb / 12P
AFE77xxD Quad-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
JULY 2023
AFE7769D TI-AFE7769D Datasheet
1Mb / 12P
AFE77xxD Quad/Dual-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
REVISED OCTOBER 2023
AFE7769DIABJ TI-AFE7769DIABJ Datasheet
1Mb / 12P
AFE77xxD Quad/Dual-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
REVISED OCTOBER 2023
AFE7769D TI-AFE7769D_V01 Datasheet
1Mb / 12P
AFE77xxD Quad/Dual-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
REVISED OCTOBER 2023
More results


Similar Description - AFE7769

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
logo
Analog Devices
ADRV9026 AD-ADRV9026 Datasheet
2Mb / 118P
Integrated, Quad RF Transceiver with Observation Path
8/2020-Rev. A to Rev. B
ADRV9010 AD-ADRV9010 Datasheet
2Mb / 115P
Integrated, Quad RF Transceiver with Observation Path
Jan-2021
ADRV9029 AD-ADRV9029 Datasheet
2Mb / 133P
Integrated, Quad RF Transceiver with Observation Path
12/2020-Revision 0
logo
Texas Instruments
AFE8092 TI-AFE8092 Datasheet
902Kb / 12P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
AFE8030 TI-AFE8030 Datasheet
970Kb / 13P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
DECEMBER 2021
AFE8030 TI-AFE8030_V02 Datasheet
1Mb / 20P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
REVISED SEPTEMBER 2022
AFE7769D TI1-AFE7769D Datasheet
1Mb / 12P
AFE77xxD Quad-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com