Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7799 Datasheet (PDF) - Texas Instruments

AFE7799 Datasheet PDF - Texas Instruments
Part # AFE7799
Download  AFE7799 Download
File Size   303.67 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE7799 Quad-Channel RF Transceiver With Feedback Path

AFE7799 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE7799 Datasheet PDF - Texas Instruments

Part # AFE7799
Download  AFE7799 Click to download

File Size   303.67 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE7799 Quad-Channel RF Transceiver With Feedback Path

AFE7799 Datasheet (HTML) - Texas Instruments


AFE7799 Product details

1 Features
1• Quad transmitters based on direct up-conversion
architecture:
– Up to 600 MHz of RF transmitted bandwidth
per chain
• Quad receivers based on 0-IF down-conversion
architecture:
– Up to 200 MHz of RF received bandwidth per
chain
• Feedback chain based on RF sampling ADC:
– Up to 600 MHz of RF received bandwidth
• RF frequency range: 600 MHz to 6 GHz
• Wideband fractional-N PLL, VCO for TX and RX
LO
• Dedicated integer-N PLL, VCO for data converters
clock generation
• JESD204B and JESD204C SerDes interface
support:
– 8 SerDes transceivers up to 29.5 Gbps
– 8b/10b and 64b/66b encoding
– 16-bit, 12-bit, 24-bit and 32-bit formatting
– Subclass 1 multi-device synchronization
• Package: 17-mm x 17-mm BGA, 0.8-mm pitch

2 Applications
• Telecom 2G, 3G, 4G, 5G macro, micro base
stations
• Telecom 4G, 5G massive MIMO base stations
• Telecom 2G, 3G, 4G, 5G small cell
• Microwave backhaul

3 Description
The AFE7799 is a high-performance, multichannel
transceiver, integrating four direct up-conversion
transmitter chains, four direct down-conversion
receiver chains, and two wideband RF sampling
digitizing auxiliary chains (feedback paths). The high
dynamic range of the transmitter and receiver chains
allows generating and receiving 2G, 3G, 4G, and 5G
signals for wireless base stations. The low power
dissipation and large channels integration makes the
AFE7799 suitable to address the power and size
constrained 4G and 5G massive MIMO base stations.
The wideband and high dynamic range feedback path
can assist the digital pre-distortion (DPD) of the
power amplifiers in the transmitter chain. The fast
SerDes speed can help reducing the number of lanes
required to transfer the data in and out.
Each receiver chain of the AFE7799 includes a 28-dB
range digital step attenuator (DSA), followed by a
wideband passive IQ demodulator, and a baseband
amplifier with integrated programmable antialiasing
low pass filters, driving a continuous-time sigma-delta
ADC. The RX chain can receive an instantaneous
bandwidth (IBW) up to 200 MHz. Each receiver
channel has two analog peak power detectors and
various digital power detectors to assist an external
or internal autonomous AGC control for receiver
channels, and a RF overload detector for device
reliability protection. The integrated QMC (quadrature
mismatch compensation) algorithm is capable to
continuously monitor and correct for the rx chain I
and Q imbalance mismatch without the need to inject
any specific signals or perform offline calibration.
Each transmitter chain includes two 14-bit, 3-Gsps IQ
DACs, followed by a programmable reconstruction
and DAC image rejection filter, an IQ modulator
driving a wideband RF amplifier with 39-dB range
gain control. The TX chain integrated QMC and LO
leakage cancellation algorithms, leveraging the FB
path can constantly track and correct for the TX chain
IQ mismatch and LO leakage.




Similar Part No. - AFE7799

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
AFE7799IABJ TI1-AFE7799IABJ Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
More results


Similar Description - AFE7799

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
logo
Analog Devices
ADRV9026 AD-ADRV9026 Datasheet
2Mb / 118P
Integrated, Quad RF Transceiver with Observation Path
8/2020-Rev. A to Rev. B
ADRV9010 AD-ADRV9010 Datasheet
2Mb / 115P
Integrated, Quad RF Transceiver with Observation Path
Jan-2021
ADRV9029 AD-ADRV9029 Datasheet
2Mb / 133P
Integrated, Quad RF Transceiver with Observation Path
12/2020-Revision 0
logo
Texas Instruments
AFE8092 TI-AFE8092 Datasheet
902Kb / 12P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
AFE8030 TI-AFE8030 Datasheet
970Kb / 13P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
DECEMBER 2021
AFE8030 TI-AFE8030_V02 Datasheet
1Mb / 20P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
REVISED SEPTEMBER 2022
AFE7769D TI1-AFE7769D Datasheet
1Mb / 12P
AFE77xxD Quad-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com