Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9803 Datasheet (PDF) - List of Unclassifed Manufacturers

CS9803 Datasheet PDF - List of Unclassifed Manufacturers
Part # CS9803
Download  CS9803 Download
File Size   192.8 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Infrared Induction Control IC

CS9803 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS9803 Datasheet PDF - List of Unclassifed Manufacturers

Part # CS9803
Download  CS9803 Click to download

File Size   192.8 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Infrared Induction Control IC

CS9803 Datasheet (HTML) - List of Unclassifed Manufacturers


CS9803 Product details

[Semic]



General Description

The CS9803 is a passive infra-red controller, using analog mixing digital design technique and manufactures by CMOS process which can either driver TRIAC or RELAY depending on user’s choice.

With special noise immunity technique, CS9803 is the most stable passive infrared controller you can find on the market. More than this, there are few components needed in its application circuit which can reduce material cost and increase competitive.



Features

• Operating voltage: 4.5V~ 5.5V (DC)

• Operating current≤ 1mA

• CDS input

• Pulse output for TRIAC drive or level output for relay drive

• Built-in 2-stage operational amplifier

• Adjustable output on time duration

• On –chip regulator for PIR sensor

• Zero-crossing triggering

• Application:

   Home security system

   Auto light system for garden, garage, hallway, staircase, porch, bathroom, etc.

   Auto switch for ventilation fan

   Auto notice system for office, storage, etc.

• Package: DIP16



 




Similar Part No. - CS9803

ManufacturerPart #DatasheetDescription
logo
Silvan Chip Electronics...
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
PIR CONTROLLER
logo
List of Unclassifed Man...
CS9803GP ETC-CS9803GP Datasheet
131Kb / 3P
CS9803GP
More results


Similar Description - CS9803

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2266 PTC-PT2266 Datasheet
33Kb / 3P
Infrared Remote Control Transmitter IC
logo
Sanyo Semicon Device
LC7461M SANYO-LC7461M Datasheet
107Kb / 7P
Infrared Remote Control Transmitter IC
LC7464M SANYO-LC7464M Datasheet
155Kb / 7P
Infrared Remote Control Transmitter IC
logo
Princeton Technology Co...
PT2215 PTC-PT2215 Datasheet
448Kb / 16P
Infrared Remote Control Transmitter IC
logo
SHENZHEN FUMAN ELECTRON...
FM6122S-61T FUMAN-FM6122S-61T Datasheet
113Kb / 5P
16Pin infrared remote control IC
FM6122S-63T FUMAN-FM6122S-63T Datasheet
97Kb / 5P
16Pin infrared remote control IC
SC5104C FUMAN-SC5104C Datasheet
224Kb / 7P
Infrared fan control IC
SC5104S FUMAN-SC5104S Datasheet
268Kb / 7P
Infrared fan control IC
SC50462T FUMAN-SC50462T Datasheet
255Kb / 4P
16Pin infrared remote control IC
TC6221 FUMAN-TC6221 Datasheet
526Kb / 10P
Infrared remote control transmitter IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com