Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT297 Datasheet (PDF) - Texas Instruments

CD74ACT297 Datasheet PDF - Texas Instruments
Part # CD74ACT297
Download  CD74ACT297 Download
File Size   323.46 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIGITAL PHASE-LOCKED LOOP

CD74ACT297 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74ACT297 Datasheet PDF - Texas Instruments

Part # CD74ACT297
Download  CD74ACT297 Click to download

File Size   323.46 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIGITAL PHASE-LOCKED LOOP

CD74ACT297 Datasheet (HTML) - Texas Instruments


CD74ACT297 Product details

Speed of Bipolar FCT, AS, and S, With
Significantly Reduced Power Consumption
Digital Design Avoids Analog
Compensation Errors
Easily Cascadable for Higher-Order Loops
Useful Frequency Range
– DC to 110 MHz Typical (K CLK)
– DC to 70 MHz Typical (I/D CLK)
Dynamically Variable Bandwidth
Very Narrow Bandwidth Attainable
Power-On Reset
Output Capability
– Standard: XORPD OUT, ECPD OUT
– Bus Driver: I/D OUT
SCR Latch-Up-Resistant CMOS Process
and Circuit Design
Balanced Propagation Delays
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015

description/ordering information
The CD74ACT297 provides a simple, cost-effective solution to high-accuracy, digital, phase-locked-loop
applications. This device contains all the necessary circuits, with the exception of the divide-by-N counter, to
build first-order phase-locked loops as shown in Figure 1.
Both exclusive-OR phase detectors (XORPDs) and edge-controlled (ECPD) phase detectors are provided for
maximum flexibility.
Proper partitioning of the loop function, with many of the building blocks external to the package, makes it easy
for the designer to incorporate ripple cancellation or to cascade to higher-order phase-locked loops.
The length of the up/down K counter is digitally programmable according to the K-counter function table. With
A, B, C, and D all low, the K counter is disabled. With A high and B, C, and D low, the K counter is only three
stages long, which widens the bandwidth, or capture range, and shortens the lock time of the loop. When A,
B, C, and D are programmed high, the K counter becomes 17 stages long, which narrows the bandwidth, or
capture range, and lengthens the lock time. Real-time control of loop bandwidth by manipulating the
A-through-D inputs can maximize the overall performance of the digital phase-locked loop.




Similar Part No. - CD74ACT297

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT297 TI-CD74ACT297 Datasheet
196Kb / 12P
DIGITAL PHASE-LOCKED LOOP
CD74ACT297 TI1-CD74ACT297 Datasheet
463Kb / 18P
DIGITAL PHASE-LOCKED LOOP
CD74ACT297-MIL TI1-CD74ACT297-MIL Datasheet
463Kb / 18P
DIGITAL PHASE-LOCKED LOOP
CD74ACT297M TI-CD74ACT297M Datasheet
196Kb / 12P
DIGITAL PHASE-LOCKED LOOP
CD74ACT297M TI1-CD74ACT297M Datasheet
463Kb / 18P
DIGITAL PHASE-LOCKED LOOP
More results


Similar Description - CD74ACT297

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC297 PHILIPS-74HC297 Datasheet
101Kb / 12P
Digital phase-locked-loop filter
September 1993
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Texas Instruments
CD74ACT297 TI-CD74ACT297 Datasheet
196Kb / 12P
DIGITAL PHASE-LOCKED LOOP
SN54LS297 TI-SN54LS297 Datasheet
307Kb / 7P
DIGITAL PHASE-LOCKED-LOOP FILTERS
SN54LS297 TI-SN54LS297_07 Datasheet
513Kb / 15P
DIGITAL PHASE-LOCKED-LOOP FILTERS
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Texas Instruments
CD74ACT297 TI1-CD74ACT297_14 Datasheet
463Kb / 18P
DIGITAL PHASE-LOCKED LOOP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com