Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT297 Datasheet(PDF) 9 Page - Texas Instruments

Part # CD74ACT297
Description  DIGITAL PHASE-LOCKED LOOP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT297 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74ACT297 Datasheet HTML 5Page - Texas Instruments CD74ACT297 Datasheet HTML 6Page - Texas Instruments CD74ACT297 Datasheet HTML 7Page - Texas Instruments CD74ACT297 Datasheet HTML 8Page - Texas Instruments CD74ACT297 Datasheet HTML 9Page - Texas Instruments CD74ACT297 Datasheet HTML 10Page - Texas Instruments CD74ACT297 Datasheet HTML 11Page - Texas Instruments CD74ACT297 Datasheet HTML 12Page - Texas Instruments CD74ACT297 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CD74ACT297
DIGITAL PHASE-LOCKED LOOP
SCHS297D – AUGUST 1998 – REVISED JUNE 2002
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
tPLH
tPHL
tPLH
tPHL
φB
φA1
XORPD OUT
50% VCC
1.5 V
50% VCC
50% VCC
50% VCC
1.5 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
VOL
≈VCC
Figure 8. Phase Input (
φB, φA2) to Output (XORPD OUT) Propagation Delays
φB
φA2
ECPD OUT
tPHL
tPLH
3 V
0 V
VOL
≈VCC
50% VCC
1.5 V
50% VCC
1.5 V
1.5 V
3 V
0 V
Figure 9. Phase Input (
φB, φA2) to Output (ECPD OUT) Propagation Delays
D/U
ENCTR
K CLK
1/fmax
tsu
tw
tsu
tH
tH
NOTE A: Shaded areas indicate when the input is permitted to change for predictable output performance.
3 V
0 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
(See Note A)
Figure 10. Clock (K CLK) Pulse Duration and Maximum Clock-Pulse Frequency,
and Inputs (D/U, ENCTR) to Clock (K CLK) Setup and Hold Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com