Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4378 Datasheet (PDF) - Analog Devices

ADF4378 Datasheet PDF - Analog Devices
Part # ADF4378
Download  ADF4378 Download
File Size   4403.31 Kbytes
Page   84 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer

ADF4378 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4378 Datasheet PDF - Analog Devices

Part # ADF4378
Download  ADF4378 Click to download

File Size   4403.31 Kbytes
Page   84 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer

ADF4378 Datasheet (HTML) - Analog Devices


ADF4378 Product details

FEATURES
► Output frequency range: 800 MHz to 12.8 GHz
► Jitter = 18 fsRMS (integration bandwidth: 100 Hz to 100 MHz)
► Jitter = 27 fsRMS (ADC SNR method)
► Wideband noise floor: −160 dBc/Hz at 12 GHz
► Retimed LVDS SYSREF output
► General-purpose pulse retimer for SYSREF, SYNC, and MCS
applications
► PLL specifications
► −239 dBc/Hz: normalized in-band phase noise floor
► −147 dBc/Hz: normalized in-band 1/f phase noise floor
► Phase detector frequency up to 500 MHz
► Reference input frequency up to 1000 MHz
► Typical spurious fPFD: −95 dBc PFD at fOUT = 12 GHz
► Reference input to output delay specifications
► Device-to-device standard deviation: 3 ps
► Temperature coefficient: 0.03 ps/°C
► Adjustment step size: < ±0.1 ps
► Multichip output phase alignment
► 3.3 V and 5 V power supplies
► Available in 48-lead, 7 mm × 7 mm LGA package

APPLICATIONS
► High performance data converter and MxFE clocking
► Wireless infrastructure (MC-GSM, 5G)
► Test and measurement
► FPGA with integrated data converters




Similar Part No. - ADF4378

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4378 AD-ADF4378 Datasheet
4Mb / 85P
Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
Rev. 0
ADF4378BCCZ AD-ADF4378BCCZ Datasheet
4Mb / 85P
Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
Rev. 0
ADF4378BCCZ-RL7 AD-ADF4378BCCZ-RL7 Datasheet
4Mb / 85P
Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
Rev. 0
More results


Similar Description - ADF4378

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
REV. A
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. C to Rev D
ADF4372 AD-ADF4372 Datasheet
849Kb / 47P
Microwave Wideband Synthesizer with Integrated VCO
8/2019-Revision 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4378 AD-ADF4378 Datasheet
4Mb / 85P
Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com