Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG6404 Datasheet (PDF) - Analog Devices

ADG6404 Datasheet PDF - Analog Devices
Part # ADG6404
Download  ADG6404 Download
File Size   830.67 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.62Ω RON, ±20V, 36V, 4:1 Multiplexer

ADG6404 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG6404 Datasheet PDF - Analog Devices

Part # ADG6404
Download  ADG6404 Click to download

File Size   830.67 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.62Ω RON, ±20V, 36V, 4:1 Multiplexer

ADG6404 Datasheet (HTML) - Analog Devices


ADG6404 Product details

FEATURES
► Low RON 0.62Ω
► High continuous current of up to 847mA
► Flat RON across signal range, 0.003Ω
► THD of −100dB at 1kHz
► 1.8V, 3.3V, and 5V Logic compatibility
► 16-lead, 4 mm × 4 mm LFCSP
► Pin to pin compatible with the ADG5404 and ADG5404F
► Fully specified at ±20V and +36V
► Operational with asymmetric power supplies
► VSS to VDD − 2V analog signal range

APPLICATIONS
► Automatic test equipment
► Data acquisition
► Instrumentation
► Avionics
► Audio and video switching
► Communication systems
► Relay replacement




Similar Part No. - ADG6404

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG6404 AD-ADG6404 Datasheet
852Kb / 19P
0.62Ω RON, ±20V, 36V, 4:1 Multiplexer
Rev. A
ADG6404BCPZ-REEL7 AD-ADG6404BCPZ-REEL7 Datasheet
852Kb / 19P
0.62Ω RON, ±20V, 36V, 4:1 Multiplexer
Rev. A
ADG6404 AD-ADG6404_V01 Datasheet
852Kb / 19P
0.62Ω RON, ±20V, 36V, 4:1 Multiplexer
Rev. A
More results


Similar Description - ADG6404

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
4:1 Differential Multiplexer
1996 REV 1
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
4:1 DIFFERENTIAL MULTIPLEXER
logo
Vishay Siliconix
DG2034 VISHAY-DG2034 Datasheet
98Kb / 7P
Single 4:1 Low rON Multiplexers
01-Sept-03
logo
National Semiconductor ...
DM54LS453 NSC-DM54LS453 Datasheet
61Kb / 3P
QUAD 4:1 MULTIPLEXER
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
4:1 DIFFERENTIAL MULTIPLEXER
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_08 Datasheet
140Kb / 8P
Single 4:1 Low rON Multiplexers
28-Jan-08
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
4:1 DIFFERENTIAL MULTIPLEXER
logo
Protek Devices
PA2034 PROTEC-PA2034 Datasheet
273Kb / 9P
Single 4:1 Low RON Multiplexer
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_V01 Datasheet
166Kb / 10P
Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com