Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2034 Datasheet (PDF) - Protek Devices

PA2034 Datasheet PDF - Protek Devices
Part # PA2034
Download  PA2034 Download
File Size   273.29 Kbytes
Page   9 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description Single 4:1 Low RON Multiplexer

PA2034 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA2034 Datasheet PDF - Protek Devices

Part # PA2034
Download  PA2034 Click to download

File Size   273.29 Kbytes
Page   9 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description Single 4:1 Low RON Multiplexer

PA2034 Datasheet (HTML) - Protek Devices


PA2034 Product details

DESCRIPTION

The PA2034 is a low voltage, low rON, high bandwidth single 4 to 1 analog multiplexer.

It is designed for high performance switching of analog and video signals.

Combining low power; fast switching, low on-resistance, flatness and matching, plus small physical size, the PA2034 is

ideal for portable and battery operated applications.



FEATURES

• Low Voltage Operation (1.8 to 5.5 V)

• Low On-Resistance - RDSON: 2Ω

• Off-Isolation and Crosstalk: –55 dB @ 10 MHz

• Fast Switch – 25 nS tON

•  Low Charge Injection – QINJ: 4.7pC

• Low Power Consumption – 4 µW

• High Accuracy High Bandwidth

• TTL and Low Voltage Logic Compatibility

• Low Power Consumption

• Reduced PCB Space



Applications

• Mixed Signal Routing

• Portable and Battery Operated Systems

• Low Voltage Data Acquisition MODEMS

•PCMCIA Cards

• Video Signal Switching

•Avionics

•MODEMS




Similar Part No. - PA2034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
AB Class Audio Power Amplifier, MOSFET IC Power Amp
logo
MTRONPTI
PA2032-1 MTRONPTI-PA2032-1 Datasheet
356Kb / 2P
Suitable for all modulations standards
logo
IMO Precision Controls ...
PA20321 IMO-PA20321 Datasheet
135Kb / 2P
Footswitches PX/PA
logo
STMicroelectronics
PA2032A STMICROELECTRONICS-PA2032A Datasheet
68Kb / 1P
PIONEER SPEAKER OUTPUT IC For DEH-1650 ABD AUDIO & POWER
logo
MTRONPTI
PA2033 MTRONPTI-PA2033 Datasheet
285Kb / 2P
High Power Class AB linear GaN design
More results


Similar Description - PA2034

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
September 2003
logo
Vishay Siliconix
DG2034 VISHAY-DG2034 Datasheet
98Kb / 7P
Single 4:1 Low rON Multiplexers
01-Sept-03
logo
Integrated Circuit Syst...
ICS83054I ICST-ICS83054I Datasheet
156Kb / 13P
4 : 1, SINGLE-ENDED MULTIPLEXER
REV. A JANUARY 3, 2006
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
March 13, 2006
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_08 Datasheet
140Kb / 8P
Single 4:1 Low rON Multiplexers
28-Jan-08
logo
Integrated Device Techn...
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
4:1, SINGLE-ENDED MULTIPLEXER
83054 IDT-83054_15 Datasheet
154Kb / 14P
4:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_V01 Datasheet
166Kb / 10P
Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
logo
Renesas Technology Corp
83054 RENESAS-83054 Datasheet
348Kb / 15P
4:1, Single-Ended Multiplexer
December 15, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com