Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2034 Datasheet(PDF) 3 Page - Protek Devices

Part # PA2034
Description  Single 4:1 Low RON Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2034 Datasheet(HTML) 3 Page - Protek Devices

  PA2034 Datasheet HTML 1Page - Protek Devices PA2034 Datasheet HTML 2Page - Protek Devices PA2034 Datasheet HTML 3Page - Protek Devices PA2034 Datasheet HTML 4Page - Protek Devices PA2034 Datasheet HTML 5Page - Protek Devices PA2034 Datasheet HTML 6Page - Protek Devices PA2034 Datasheet HTML 7Page - Protek Devices PA2034 Datasheet HTML 8Page - Protek Devices PA2034 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 414--5141
www.protekanalog.com
62
PA2034
Single 4:1 Low RON Multiplexer
95050 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Specifications (V+ = 3 Volts)
Parameter
Symbol
Test Conditions
Temp
Min
Typ
Max
Unit
Analog Switch
Analog Signal Range
VNO,VNC,
VCOM
Full
0.0
VCC
V
On-Resistance
RON
Room
Full
2.0
5
7
RON Matching
∆RON
0.1
0.3
RON Flatness
RON(FLAT)
VCC = 2.7V, VCOM = 0.9V- 1.5V
INO , INC = 10mA,
0.3
1.5
Ω
IOFF(NO) or
IOFF(NC)
Room
Full
-1
-10
-1
-10
Switch Off Leakage
Current
ICOM(OFF)
V+ = 3.3 V,
VNO, VNC= 1.0 V/3.0 V, VCOM = 3.0 V/1.0 V
Room
Full
-1
-10
-1
-10
Channel On
Leakage Current
ICOM(ON)
V+ = 3.3 V, VNO, VNC = VCOM = 1.0V/3.0 V
Room
Full
-1
-10
-1
-10
nA
Digital Control
Input High Voltage
VINH
Full
2.0
Input Low Voltage
VINL
Full
0.4
VnA
Input Capacitance
Cin
Full
4
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
-1
1
µA
Dynamic Characteristics
Turn On Time
tON
Room
Full
20
30
45
Turn Off Time
tOFF
Room
Full
13
15
20
Break Before Make
Time
tBBM
VNO or VNC = 2.0 V, RL = 300 Ω, CL = 35 pF
Room
Full
10.5
nS
Charge Injection
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0
Ω
Room
-4.7
pC
f = 1 MHz
Room
-109.3
Off Isolation
OIRR
f = 10 MHz
Room
-67.3
f = 1 MHz
Room
-77
Crosstalk
XTALK
RL = 50
Ω, CL = 5 pF,
f = 10 MHz
Room
-67.3
dB
NO, NC OFF
Capacitance
CNO(off)
CNC(off)
Room
14
Chanel On
Capacitance
CON
VIN = 0 or V+, f = 1 MHz
Room
42
67
77
pF
Power Supply
Positive Supply
Range
V+
2.7
3.3
V
Negative Supply
Current
I+
VIN = 0 or V+
0.01
1.0
µA
Notes:
a.
Room = 25
°C, Full = as determined by the operating suffix.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum is used in this data sheet.
c.
Typical values are for design aid only, not guaranteed nor subject to production testing.
d.
Guarantee by design, not subjected to production test.
e.
VA, EN = input voltage to perform proper function.
f.
Difference of min and max values.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com