Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFH Datasheet (PDF) - Comus International

BFH Datasheet PDF - Comus International
Part # BFH
Download  BFH Download
File Size   374.02 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Multi-Pole Instrumentation Reed Relays - 2 Form A, 3 Form A, 1 Form C, and 2 Form C

BFH Datasheet (PDF)

Go To PDF Page Download Datasheet
BFH Datasheet PDF - Comus International

Part # BFH
Download  BFH Click to download

File Size   374.02 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Multi-Pole Instrumentation Reed Relays - 2 Form A, 3 Form A, 1 Form C, and 2 Form C

BFH Datasheet (HTML) - Comus International


BFH Product details

FEATURES
• Multi-pole designs 2 Form A, 3 Form A, 1 Form C (1A/1B), and 2 Form C
• High Reliability Instrumentation Grade reed switch with
sputtered Ruthenium Form A contacts
• Optional Electrostatic or Coaxial Shield (BFH-2A & BFH-1C Only)
• High Insulation Resistance: 1012 Ω MIN (Form 2A, 3A & 1C) & 109 Ω (Form 2C)
• Metal Cover (reduces magnetic interaction)
• Industry Standard Packages
• Custom Designs Available




Similar Part No. - BFH

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BFH ITT-BFH Datasheet
67Kb / 1P
Hermetically sealed versions of the BFR and TBF receptacle connectors.
logo
LEMO Connectors
BFH.4E.100.NAS LEMO-BFH.4E.100.NAS Datasheet
61Kb / 2P
E - Outdoor Stepped Insert
logo
Cooper Bussmann, Inc.
BFH00-1A/F COOPER-BFH00-1A/F Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
BFH00-3A/F COOPER-BFH00-3A/F Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
BFH000-1A/T COOPER-BFH000-1A/T Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results


Similar Description - BFH

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
logo
List of Unclassifed Man...
RM737012 ETC2-RM737012 Datasheet
487Kb / 4P
2/3 pole 10/16A, 2 form C (CO) or 3 form C (CO) contacts
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Coto Technology
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
TE Connectivity Ltd
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
logo
Hongfa Technology
HFD27 HONGFA-HFD27_17 Datasheet
59Kb / 3P
2 Form C configuration
logo
TE Connectivity Ltd
SNR TEC-SNR_15 Datasheet
258Kb / 3P
1 pole 6A, 1 form C (CO), 1 form A (NO)
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com