Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFH Datasheet(PDF) 2 Page - Comus International

Part # BFH
Description  Multi-Pole Instrumentation Reed Relays - 2 Form A, 3 Form A, 1 Form C, and 2 Form C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

BFH Datasheet(HTML) 2 Page - Comus International

  BFH Datasheet HTML 1Page - Comus International BFH Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number: BFH Series
Multi-Pole Instrumentation Reed Relays - 2 Form A, 3 Form A, 1 Form C, and 2 Form C
Product Data Sheet
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
RELAY MODEL
2A & 3A
1C (1A/1B)
2C
Max Contact Rating
10 W
10 W
5 W
Max Switching Voltage
200 VDC
200 VDC
100 VDC
Max Switching Current
0.5 A
0.5 A
0.25 A
Max Carry Current
1.5 A
1.5 A
1.0 A
RELAY MODEL
2A & 3A
1C (1A/1B)
2C
Static Contact Resistance (Initial)
150 mΩ
150 mΩ
200 mΩ
Dielectric Strength Between Contacts (Min)
250 VDC
250 VDC
200 VDC
Dielectric Strength Contacts to Shield (Min)
1000 VDC
1000 VDC
N/A
Dielectric Strength Contacts / Shield to Coil (Min)
1000 VDC
1000 VDC
1000 VDC
Insulation Resistance Between all Isolated pins at 100V 25
°C, 40%RH (Min)
1012
1012
109
Capacitance - Typical No Shield
0.8 pF
0.8 pF
2.0 pF
Capacitance - Typical Shield Guarding
0.2 pF
0.2 pF
N/A
Operate Time - Including Bounce - Typical
0.5 mS
0.5 mS
1.5 mS
Release Time - Typical
0.15 mS
0.5 mS
2.0 mS
Vibration
20G
Shock
50G
Operating Temperature
-20
°C to +85°C
Storage Temperature
-40
°C to +100°C
Life Expectancy (Signal Level 1.0V, 10mA) (Typical)
500 x 106 Ops
500 x 106 Ops
100 x 106 Ops
CONTACT RATING
SPECIFICATIONS
PART NUMBER
NOMINAL VOLTAGE
DC±10% [V]
COIL RESISTANCE
±
10% (Ω)
MUST OPERATE
VOLTAGE MAX
[V] at 20°C
MUST RELEASE
VOLTAGE MIN
[V] at 20°C
MAX COIL
VOLTAGE [V]
BFH-2A
BFH-3A
BFH-2C
5
175
3.8
0.4
7
12
1000
9.0
1.0
16
BFH-1C
5
230
3.8
0.4
7
12
1000
9.0
1.0
16
COIL DATA-STANDARD TYPE (at 20˚C)
Relays
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2017 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Rev: 2 - Date: Oct/2/2017 - Signature: BR
NEW!
NEW!
NEW!
1 Form C
(1A/1B) 10Watt!



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com