Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX7316 Datasheet (PDF) - Texas Instruments

TX7316 Datasheet PDF - Texas Instruments
Part # TX7316
Download  TX7316 Download
File Size   180.41 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TX7316 Three-Level, 16-Channel or Five-Level, 8-Channel Transmitter With 2.4-A Pulser, T/R Switch, and Integrated Transmit Beamformer

TX7316 Datasheet (PDF)

Go To PDF Page Download Datasheet
TX7316 Datasheet PDF - Texas Instruments

Part # TX7316
Download  TX7316 Click to download

File Size   180.41 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TX7316 Three-Level, 16-Channel or Five-Level, 8-Channel Transmitter With 2.4-A Pulser, T/R Switch, and Integrated Transmit Beamformer

TX7316 Datasheet (HTML) - Texas Instruments


TX7316 Product details

1 Features
1• Transmitter supports:
– 16-channel 3-level or 8-channel 5-level pulser
and active transmit/receive (T/R) switch
– Very low power on-chip beamforming mode (5-
level mode):
– In receive-only mode: 17 mW
– In transmit-receive mode: 598 mW
– In CW mode (0.6-A mode): 1.97 W
– In global power-down mode: 4.3 mW
• 3-level, 5-level pulser:
– Maximum output voltage: ±100 V
– Minimum output voltage: ±1 V
– Maximum output current: 2.4 A to 0.6 A
– Maximum clamp current: 1 A to 0.25 A (in 3-
level mode)
– Maximum clamp current: 2 A to 0.5 A (in 5-
level mode)
– Second harmonic of –45 dBc at 5 MHz
– CW mode jitter: 100 fs measured from 100 Hz
to 20 kHz
– CW mode close-in phase noise: –154 dBc/Hz
at 1 kHz offset for 5 MHz signal
– Supports 4.8-A mode in 5-level mode
– –3-dB Bandwidth with 1-kΩ || 240-pF load
– 20 MHz (For ±100-V supply in 2.4-A mode)
– 36 MHz (For ±100-V supply in 4.8-A mode)
– 25 MHz (For ±70-V supply in 2.4-A mode)
• Active transmit/receive (T/R) switch with:
– ON/OFF control signal
– Turnon resistance of 12 Ω
– Bandwidth: 50 MHz
– HD2: -50 dBc
– Turnon time: 0.5 μs
– Turnoff time: 1.75 μs
– Transient glitch: 50 mVPP
• Off-chip beam former with:
– Jitter cleaning using synchronization feature
– Maximum synchronization clock frequency:
200 MHz
• On-chip beam former with:
– Delay resolution: one beamformer clock
period, minimum 5 ns
– Maximum delay: 213 beamformer clock period
– Maximum beamformer clock speed: 200 MHz
– On-chip RAM to store
– 16 Delay profiles
– 48/28 pattern-profiles for 3- or 5-level mode
• High-speed (100 MHz maximum) 1.8-V and 2.5-V
CMOS serial programming interface
• Automatic thermal shutdown
• No specific power sequencing requirement in 3-
level mode
• Small package: NFBGA-216 (15 mm × 10 mm)
with 0.8-mm pitch

2 Applications
• Ultrasound imaging system
• Piezoelectric driver
• In-probe ultrasound imaging

3 Description
The TX7316 is a highly integrated, high-performance
transmitter solution for ultrasound imaging system.
The device has total 16 pulser circuits (PULS), 16
transmit/receive (T/R) switches, and supports both
on-chip and off-chip beamformer (TxBF). The device
also integrates on-chip floating power supplies that
reduce the number of required high voltage power
supplies.




Similar Part No. - TX7316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TX7316 TI1-TX7316 Datasheet
274Kb / 7P
Three-level, 16-channel or five-level, 8-channel transmitter with 2.4-A pulser, T/R switch, and integrated transmit beamformer
TX7316ZCX TI1-TX7316ZCX Datasheet
274Kb / 7P
Three-level, 16-channel or five-level, 8-channel transmitter with 2.4-A pulser, T/R switch, and integrated transmit beamformer
More results


Similar Description - TX7316

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808 Datasheet
1Mb / 31P
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
Rev 0; 9/12
logo
Supertex, Inc
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
logo
Microchip Technology
HV7321 MICROCHIP-HV7321 Datasheet
501Kb / 30P
4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
06/23/16
logo
Texas Instruments
TX7332 TI1-TX7332 Datasheet
411Kb / 9P
Three-level, 32-channel transmitter with 1.2-A pulser, T/R switch, and integrated transmit beamformer
TX7316 TI1-TX7316 Datasheet
274Kb / 7P
Three-level, 16-channel or five-level, 8-channel transmitter with 2.4-A pulser, T/R switch, and integrated transmit beamformer
TX7516 TI-TX7516 Datasheet
594Kb / 8P
TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808_V01 Datasheet
728Kb / 31P
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
2013
logo
Texas Instruments
TX7516 TI-TX7516_V01 Datasheet
626Kb / 9P
TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
MARCH 2022
logo
STMicroelectronics
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
logo
Texas Instruments
TX75E16 TI1-TX75E16 Datasheet
480Kb / 6P
TX75E16 5-Level, 16-Channel Transmitter with T/R Switch, On-Chip Beamformer, and Enhanced Load Damping Features
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com