Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV1600 Datasheet (PDF) - STMicroelectronics

STHV1600 Datasheet PDF - STMicroelectronics
Part # STHV1600
Download  STHV1600 Download
File Size   1395.07 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer

STHV1600 Datasheet (PDF)

Go To PDF Page Download Datasheet
STHV1600 Datasheet PDF - STMicroelectronics

Part # STHV1600
Download  STHV1600 Click to download

File Size   1395.07 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer

STHV1600 Datasheet (HTML) - STMicroelectronics


STHV1600 Product details

Features
■ 0 to 200 V peak-to-peak output signal
■ Up to 30 MHz operating frequency
■ Gate driver self-biased architecture; no filtering capacitors required
■ Pulsed wave (PW) mode operation: – 5/3 level output – ±2 A / ±4 A source and sink current
■ Continuous wave (CW) mode operation: – 150 mW power consumption/channel – 270 fs RMS jitter (100 Hz-20 kHz) – -147 dBc/Hz @ 1 kHz phase noise
■ Elastography mode operation
■ Fully integrated real clamping-to-ground function – 11 Ω synchronous active clamp – ±2 A source and sink current
■ Fully integrated T/R switch – 9 Ω ON resistance – 28 pF parasitic capacitance – Compliant with receiver multiplexing function
■ Auxiliary integrated circuits – Noise blocking diode function – Recirculation current protection – Anti-memory feature –




Similar Part No. - STHV1600

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STHV102 ISC-STHV102 Datasheet
269Kb / 2P
isc N-Channel MOSFET Transistor
STHV102FI ISC-STHV102FI Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STHV1600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
Ultrasound Transmit Pulser
logo
Supertex, Inc
HV7331 SUTEX-HV7331 Datasheet
804Kb / 9P
Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
logo
Microchip Technology
HV7321 MICROCHIP-HV7321 Datasheet
501Kb / 30P
4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
06/23/16
HV7350 MICROCHIP-HV7350 Datasheet
567Kb / 16P
8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
07-Apr-2014
logo
Texas Instruments
TX7332 TI1-TX7332 Datasheet
411Kb / 9P
Three-level, 32-channel transmitter with 1.2-A pulser, T/R switch, and integrated transmit beamformer
TX7316 TI1-TX7316 Datasheet
274Kb / 7P
Three-level, 16-channel or five-level, 8-channel transmitter with 2.4-A pulser, T/R switch, and integrated transmit beamformer
logo
STMicroelectronics
STHV748S STMICROELECTRONICS-STHV748S Datasheet
280Kb / 5P
Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
02-Dec-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com