Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV800 Datasheet (PDF) - STMicroelectronics

STHV800 Datasheet PDF - STMicroelectronics
Part # STHV800
Download  STHV800 Download
File Size   314.73 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser

STHV800 Datasheet (PDF)

Go To PDF Page Download Datasheet
STHV800 Datasheet PDF - STMicroelectronics

Part # STHV800
Download  STHV800 Click to download

File Size   314.73 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser

STHV800 Datasheet (HTML) - STMicroelectronics


STHV800 Product details

Features
■ High-density ultrasound transmitter
■ Two independent half-bridges per channel
■ 0 to ±90 V output voltage
■ Power-up free
■ Synchronization of the input signals (selectable) by an external clock
■ Up to 20 MHz operating frequency
■ Low-power, high-voltage, high-speed drivers
■ 2 independently-supplied half bridges (shorted-option) for each channel, one dedicated to continuous wave (CW) mode − Main half bridge: − ±2 A source and sink current − Down to 20 ps jitter − Low 2nd harmonic distortion − CW half bridge: − ±0.3 A source and sink current − Down to 10 ps jitter − Very low power consumption
■ Fully integrated real clamping-to-ground function − 8 Ω synchronous active clamp − ±2 A source and sink current
■ Fully integrated TR switch − 8 Ω ON resistance − Up to 300 MHz BW − Current consumption down to 10 μA in RX phase − Receiver multiplexing function
■ 1.8 V to 3.6 V CMOS logic interface
■ Auxiliary integrated circuits − Noise blocking diodes − Anti-leakage on output node − Fully self-biasing architecture −

Applications
■ Medical ultrasound imaging
■ Pulse waveform generator
■ NDT ultrsound transmission
■ Piezoelectric transducer drivers
■ Point-of-care ultrasound imaging equipment




Similar Part No. - STHV800

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
STHV PANDUIT-STHV Datasheet
601Kb / 2P
Hyper-V In-Line Cable Ties and Mounts
3/2016
STHV PANDUIT-STHV Datasheet
81Kb / 1P
Cable Tie Tools – Installer Controlled Tension and Cut-Off
logo
Inchange Semiconductor ...
STHV102 ISC-STHV102 Datasheet
269Kb / 2P
isc N-Channel MOSFET Transistor
STHV102FI ISC-STHV102FI Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
More results


Similar Description - STHV800

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
Quad High Speed 짹65V 750mA Ultrasound Pulser
HV746 SUTEX-HV746 Datasheet
601Kb / 7P
Dual High Speed 짹75V 2.5A Ultrasound Pulser
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
HV7350 SUTEX-HV7350 Datasheet
579Kb / 8P
Eight-Channel, High Speed, 짹60V, 짹1.0A, Ultrasound RTZ Pulser
HV7331 SUTEX-HV7331 Datasheet
804Kb / 9P
Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
logo
Microchip Technology
HV7350 MICROCHIP-HV7350 Datasheet
567Kb / 16P
8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
logo
STMicroelectronics
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
STHV748S STMICROELECTRONICS-STHV748S Datasheet
280Kb / 5P
Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
02-Dec-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com