Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV748S Datasheet (PDF) - STMicroelectronics

STHV748S Datasheet PDF - STMicroelectronics
Part # STHV748S
Download  STHV748S Download
File Size   280.35 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser

STHV748S Datasheet (PDF)

Go To PDF Page Download Datasheet
STHV748S Datasheet PDF - STMicroelectronics

Part # STHV748S
Download  STHV748S Click to download

File Size   280.35 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser

STHV748S Datasheet (HTML) - STMicroelectronics


STHV748S Product details

Features
■ Pinout compatibility with STHV748
■ Recirculation current protection
■ 0 to ±90 V output voltage
■ Up to 20 MHz operating frequency
■ Embedded low-power, floating high-voltage drivers (external voltage rails can be also
■ used)
■ Mode operations:
■ 3/5-level output waveform
■ ±2 A source and sink current
■ Down to ≤ 20 ps jitter
■ Anti-cross conduction function
■ Low 2nd harmonic distortion
■ Fully integrated clamping-to-ground function
■ 8 Ω synchronous active clamp
■ Anti-leakage on output node
■ Dedicated half bridge for continuous wave
■ (CW) operations
■ ≤ 0.1 W power consumption
■ ±0.6 A source and sink current
■ 205 fs RMS jitter [100 Hz-20 kHz]
■ Fully integrated T/R switch
■ 13.5 Ω on-resistance
■ HV MOS topology to minimize current
■ consumption
■ Up to 300 MHz BW
■ Receiver multiplexing function
■ 1.8 V to 3.6 V CMOS logic interface
■ New digital input compatibility @ 1.8 V
■ Auxiliary integrated circuits
■ Noise blocking diodes
■ Fully self-biasing architecture
■ Anti-memory effect for all internal HV
■ nodes

Applications
■ Medical ultrasound imaging
■ Pulse waveform generators
■ NDT ultrasound transmission
■ Piezoelectric transducer drivers




Similar Part No. - STHV748S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHV748 STMICROELECTRONICS-STHV748 Datasheet
558Kb / 22P
5-level, 짹90 V, 2 A high-speed pulser with four independent channels
20-Jan-2010
STHV748QTR STMICROELECTRONICS-STHV748QTR Datasheet
558Kb / 22P
5-level, 짹90 V, 2 A high-speed pulser with four independent channels
20-Jan-2010
More results


Similar Description - STHV748S

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
High Speed 짹100V 2A Integrated Ultrasound Pulser
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
Quad High Speed 짹65V 750mA Ultrasound Pulser
HV746 SUTEX-HV746 Datasheet
601Kb / 7P
Dual High Speed 짹75V 2.5A Ultrasound Pulser
HV748 SUTEX-HV748 Datasheet
581Kb / 7P
Quad High Speed 짹75V 1.25A Ultrasound Pulser
logo
STMicroelectronics
STHV748 STMICROELECTRONICS-STHV748 Datasheet
558Kb / 22P
5-level, 짹90 V, 2 A high-speed pulser with four independent channels
20-Jan-2010
logo
Supertex, Inc
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
07-Apr-2014
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com