Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV748S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STHV748S
Description  Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748S Datasheet(HTML) 1 Page - STMicroelectronics

  STHV748S Datasheet HTML 1Page - STMicroelectronics STHV748S Datasheet HTML 2Page - STMicroelectronics STHV748S Datasheet HTML 3Page - STMicroelectronics STHV748S Datasheet HTML 4Page - STMicroelectronics STHV748S Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
December 2016
DocID030128 Rev 1
1/5
For further information contact your local STMicroelectronics sales
office.
www.st.com
STHV748S
Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed
ultrasound pulser
Data brief
Features
Pinout compatibility with STHV748
Recirculation current protection
0 to ±90 V output voltage
Up to 20 MHz operating frequency
Embedded low-power, floating high-voltage
drivers (external voltage rails can be also
used)
Mode operations:
3/5-level output waveform
±2 A source and sink current
Down to ≤ 20 ps jitter
Anti-cross conduction function
Low 2nd harmonic distortion
Fully integrated clamping-to-ground function
8 Ω synchronous active clamp
Anti-leakage on output node
Dedicated half bridge for continuous wave
(CW) operations
≤ 0.1 W power consumption
±0.6 A source and sink current
205 fs RMS jitter [100 Hz-20 kHz]
Fully integrated T/R switch
13.5 Ω on-resistance
HV MOS topology to minimize current
consumption
Up to 300 MHz BW
Receiver multiplexing function
1.8 V to 3.6 V CMOS logic interface
New digital input compatibility @ 1.8 V
Auxiliary integrated circuits
Noise blocking diodes
Fully self-biasing architecture
Anti-memory effect for all internal HV
nodes
Thermal protection
Standby function
Reinforced diodes on HV outputs for
protection by recirculation current
Latch-up free due to HV SOI technology
Very few external passive components
needed
Applications
Medical ultrasound imaging
Pulse waveform generators
NDT ultrasound transmission
Piezoelectric transducer drivers


Similar Part No. - STHV748S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHV748 STMICROELECTRONICS-STHV748 Datasheet
558Kb / 22P
5-level, 짹90 V, 2 A high-speed pulser with four independent channels
20-Jan-2010
STHV748QTR STMICROELECTRONICS-STHV748QTR Datasheet
558Kb / 22P
5-level, 짹90 V, 2 A high-speed pulser with four independent channels
20-Jan-2010
More results

Similar Description - STHV748S

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
High Speed 짹100V 2A Integrated Ultrasound Pulser
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
Quad High Speed 짹65V 750mA Ultrasound Pulser
HV746 SUTEX-HV746 Datasheet
601Kb / 7P
Dual High Speed 짹75V 2.5A Ultrasound Pulser
HV748 SUTEX-HV748 Datasheet
581Kb / 7P
Quad High Speed 짹75V 1.25A Ultrasound Pulser
logo
STMicroelectronics
STHV748 STMICROELECTRONICS-STHV748 Datasheet
558Kb / 22P
5-level, 짹90 V, 2 A high-speed pulser with four independent channels
20-Jan-2010
logo
Supertex, Inc
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
07-Apr-2014
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com