Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC1706 Datasheet (PDF) - Texas Instruments

UC1706 Datasheet PDF - Texas Instruments
Part # UC1706
Download  UC1706 Download
File Size   318.78 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Output Driver

UC1706 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC1706 Datasheet PDF - Texas Instruments

Part # UC1706
Download  UC1706 Click to download

File Size   318.78 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Output Driver

UC1706 Datasheet (HTML) - Texas Instruments


UC1706 Product details

FEATURES
• Dual, 1.5A Totem Pole Outputs
• 40nsec Rise and Fall into 1000pF
• Parallel or Push-Pull Operation
• Single-Ended to Push-Pull Conversion
• High-Speed, Power MOSFET
Compatible
• Low Cross-Conduction Current Spike
• Analog, Latched Shutdown
• Internal Deadband Inhibit Circuit
• Low Quiescent Current
• 5 to 40V Operation
• Thermal Shutdown Protection
• 16-Pin Dual-In-Line Package
• 20-Pin Surface Mount Package

DESCRIPTION
The UC1706 family of output drivers are made with a high-speed
Schottky process to interface between low-level control functions and
high-power switching devices - particularly power MOSFET's. These devices
implement three generalized functions as outlined below.
First: They accept a single-ended, low-current digital input of either polarity
and process it to activate a pair of high-current, totem pole outputs
which can source or sink up to 1.5A each.
Second: They provide an optional single-ended to push-pull conversion
through the use of an internal flip-flop driven by double-pulsesuppression
logic. With the flip-flop disabled, the outputs work in parallel
for 3.0A capability.
Third: Protection functions are also included for pulse-by-pulse current
limiting, automatic deadband control, and thermal shutdown.
These devices are available in a two-watt plastic “bat-wing” DIP for operation
over a 0°C to 70°C temperature range and, with reduced power,
in a hermetically sealed cerdip for -55°C to +125°C operation. Also available
in surface mount Q and L packages.




Similar Part No. - UC1706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1706 TI-UC1706 Datasheet
277Kb / 6P
Dual Output Driver
UC1706 TI-UC1706 Datasheet
715Kb / 10P
Dual Output Driver
UC1706 TI1-UC1706 Datasheet
756Kb / 11P
Dual Output Driver
UC1706J TI1-UC1706J Datasheet
212Kb / 8P
Dual Output Driver
UC1706J TI-UC1706J Datasheet
715Kb / 10P
Dual Output Driver
More results


Similar Description - UC1706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1706 TI-UC1706 Datasheet
277Kb / 6P
Dual Output Driver
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
logo
Cherry Semiconductor Co...
CS3706 CHERRY-CS3706 Datasheet
151Kb / 6P
Dual Output Driver
Rev. 4/29/99
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
Dual Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
Texas Instruments
UC3706N TI1-UC3706N Datasheet
212Kb / 8P
Dual Output Driver
UC1706J TI-UC1706J Datasheet
715Kb / 10P
Dual Output Driver
logo
ON Semiconductor
CS3706 ONSEMI-CS3706 Datasheet
58Kb / 8P
Dual Output Driver
December, 2001 - Rev. 2
logo
Texas Instruments
UC1706 TI1-UC1706_15 Datasheet
756Kb / 11P
Dual Output Driver
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
Dual-Output RGB / 6-Channel WLED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com