Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3706 Datasheet (PDF) - Cherry Semiconductor Corporation

CS3706 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS3706
Download  CS3706 Download
File Size   151.38 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Dual Output Driver

CS3706 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS3706 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS3706
Download  CS3706 Click to download

File Size   151.38 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Dual Output Driver

CS3706 Datasheet (HTML) - Cherry Semiconductor Corporation


CS3706 Product details

Description
Block Diagram The CS3706 integrated circuit provides an interface between lowl-evel TTL inputs and high-power switching devices such as power MOSFETs. A typical application is single-ended PWM control to pushpull power control conversion.

Features
■ Dual 1.5A Totem Pole Outputs
■ 40nsec Rise and Fall into 1000pF
■ Parallel or Push-Pull Operation
■ Single-Ended to Push-Pull Conversion
■ High-Speed Power MOSFET Compatible
■ Low Cross-Conduction Current Spike
■ Analog Latched Shutdown
■ Internal Deadband Inhibit Circuit
■ Low Quiescent Current
■ 5V to 40V Operation
■ Thermal Shutdown Protection




Similar Part No. - CS3706

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3706 ONSEMI-CS3706 Datasheet
58Kb / 8P
Dual Output Driver
December, 2001 - Rev. 2
CS3706GNF16 ONSEMI-CS3706GNF16 Datasheet
58Kb / 8P
Dual Output Driver
December, 2001 - Rev. 2
More results


Similar Description - CS3706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1706 TI-UC1706 Datasheet
277Kb / 6P
Dual Output Driver
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
Dual Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
Texas Instruments
UC3706N TI1-UC3706N Datasheet
212Kb / 8P
Dual Output Driver
UC1706J TI-UC1706J Datasheet
715Kb / 10P
Dual Output Driver
logo
ON Semiconductor
CS3706 ONSEMI-CS3706 Datasheet
58Kb / 8P
Dual Output Driver
December, 2001 - Rev. 2
logo
Texas Instruments
UC1706 TI1-UC1706_15 Datasheet
756Kb / 11P
Dual Output Driver
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
12G UHD-SDI Dual Output Cable Driver
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
Dual-Output RGB / 6-Channel WLED Driver
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com