Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3706 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS3706
Description  Dual Output Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3706 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS3706 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3706 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3706 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3706 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3706 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3706 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics: These specifications apply over the operating temperature range of the IC.
(VIN = VCC = 20V, Pins 4, 5, 12 &13 = 0V; unless otherwise stated.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
Logic Supply Voltage (VIN) ...................................................................................................................................................40.0V
Output Supply Voltage (VCC) ...............................................................................................................................................40.0V
Output Current (each output, source, or sink)
Steady State ...............................................................................................................................................................±500mA
Peak Transient for Less Than 100µs ...........................................................................................................................±1.5A
Capacitive Discharge Energy ......................................................................................................................................20.0µJ
Digital Inputs (INV, NONINV) ..............................................................................................................................................5.5V
Analog Inputs (STOP +, STOP -) ............................................................................................................................................VIN
Inhibit Inputs (INHIBIT A, INHIBIT B, INHIBIT REF)......................................................................................................5.5V
Operating Temperature Range .......................................................................................................................................0 to 70ûC
Storage Temperature Range.......................................................................................................................................-65 to 150ûC
Lead Temperature Soldering
Wave Solder (through hole styles only).....................................................................................10 sec. max, 260¡C peak
Notes: All voltages are with respect to the four ground pins which must be connected together. All currents are positive into, neg-
ative out of the specified terminal.
VIN Supply Current
VIN = 40V, VCC = 20V, INV = 0V,
Unused pins = open.
8
12
mA
VCC Supply Current
VIN = 20V, VCC = 40V, Outputs low
3
5
mA
VCC Leakage Current
VIN = 0V, VCC = 40V
0.05
0.10
mA
Digital Input Low Level
0.8
V
Digital Input High Level
2.2
V
Digital Input Current
VI = 0V
-0.6
-1.0
mA
Digital Input Leakage
VI = 5V
0.05
0.10
mA
Output High Sat., VC-VOUT
IOUT = -50mA
2.0
V
Output High Sat., VC-VOUT
IOUT = -500mA
2.5
V
Output Low Sat., VOUT
IOUT = 50mA
0.4
V
Output Low Sat., VOUT
IOUT = 500mA
2.5
V
Inhibit Threshold
VREF = 0.5V
0.4
0.6
V
Inhibit Threshold
VREF = 3.5V
3.3
3.7
V
Inhibit Input Current
VREF = 0V
-10
-20
µA
Analog Threshold
VCM = 0V to 15 V
100
130
150
mV
Analog Input Bias Current
VI = 0V, VCM = 15V
-10
-20
µA
Thermal Shutdown
Turn on
155
ûC
Thermal Shutdown
Turn off
125
ûC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com