Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3706 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS3706
Description  Dual Output Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3706 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS3706 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3706 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3706 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3706 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3706 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3706 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
F/F Enable
INHIBIT A
INV
VIN
STOP -
INHIBIT REF
VOUT
B
Gnd
VOUT
A
VCC
INHIBIT B
NONINV
STOP +
A
Output
Logic
B
Output
Logic
-
+
+
-
A
Inh
Amp
B
Inh
Amp
Stop
Amp
Digital
Input
Logic
Logic
Voltage
Regulator
Thermal
Shutdown
Analog
Stop
Latch
Toggle
Flip
Flop
+5V
Q
TQ
+5V
+5V
+5V
+5V
+5V
+5V
+5V
+5V
R
S
+VIN
130mV
s
Dual 1.5A Totem Pole
Outputs
s
40nsec Rise and Fall into
1000pF
s
Parallel or Push-Pull
Operation
s
Single-Ended to Push-Pull
Conversion
s
High-Speed Power
MOSFET Compatible
s
Low Cross-Conduction
Current Spike
s
Analog Latched
Shutdown
s
Internal Deadband Inhibit
Circuit
s
Low Quiescent Current
s
5V to 40V Operation
s
Thermal Shutdown
Protection
Dual Output Driver
CS3706
Description
Block Diagram
The CS3706 integrated circuit pro-
vides an interface between low-
level TTL inputs and high-power
switching devices such as power
MOSFETs. A typical application is
single-ended PWM control to push-
pull power control conversion.
The primary function of this device
is to convert a bipolar single-ended
low current digital input to a pair of
totem pole outputs which can
source or sink up to 1.5A. An inter-
nal flip-flop, driven by double-
pulse suppression logic, can be
enabled to provide single-ended to
push-pull conversion. With the flip-
flop disabled, the outputs work in
parallel for 3.0A capability.
Protection functions are also includ-
ed for pulse-by-pulse current limit-
ing, automatic deadband control
and thermal shutdown.
Package Options
16 Lead PDIP
(Internally Fused Leads)
1
INHIBIT B
2
3
4
5
6
7
8
INV
NONINV
Gnd
Gnd
VOUT
A
F/F ENABLE
VCC
16
15
14
13
12
11
10
9
INHIBIT A
INHIBIT REF
VIN
Gnd
Gnd
VOUT
B
STOP +
STOP -
Note: All Four Ground
Pins must be Connected
to Common Ground.
A
Company
¨
Rev. 4/29/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS3706

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3706 ONSEMI-CS3706 Datasheet
58Kb / 8P
Dual Output Driver
December, 2001 - Rev. 2
CS3706GNF16 ONSEMI-CS3706GNF16 Datasheet
58Kb / 8P
Dual Output Driver
December, 2001 - Rev. 2
More results

Similar Description - CS3706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1706 TI-UC1706 Datasheet
277Kb / 6P
Dual Output Driver
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
Dual Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
Texas Instruments
UC3706N TI1-UC3706N Datasheet
212Kb / 8P
Dual Output Driver
UC1706J TI-UC1706J Datasheet
715Kb / 10P
Dual Output Driver
logo
ON Semiconductor
CS3706 ONSEMI-CS3706 Datasheet
58Kb / 8P
Dual Output Driver
December, 2001 - Rev. 2
logo
Texas Instruments
UC1706 TI1-UC1706_15 Datasheet
756Kb / 11P
Dual Output Driver
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
12G UHD-SDI Dual Output Cable Driver
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
Dual-Output RGB / 6-Channel WLED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com