Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP1221 Datasheet (PDF) - Texas Instruments

VSP1221 Datasheet PDF - Texas Instruments
Part # VSP1221
Download  VSP1221 Download
File Size   307.16 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR

VSP1221 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSP1221 Datasheet PDF - Texas Instruments

Part # VSP1221
Download  VSP1221 Click to download

File Size   307.16 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR

VSP1221 Datasheet (HTML) - Texas Instruments


VSP1221 Product details

FEATURES
· 12-Bit, 21-MSPS, Analog-to-Digital
Converter
· Low Power: 70 mW Minimum
Power-Down Mode: 4 mW
· Low Input-Referred Noise: 75-dB
SNR Typical at 0-dB Gain
· Novel Optical-Black (OB) Calibration
· Low-Aperture Delay
· Single 3-V Supply Operation
· DNL: <±0.5 LSB and
INL: <±1.5 LSB Typical at 0-dB Gain
· Programmable-Gain Range: 0 dB to 36 dB,
Gain Resolution of 0.05 dB/Step
· 48-Pin TQFP Package

APPLICATIONS
· Digital Still Camera
· Digital Video Camera

DESCRIPTION
The VSP1221 is a highly-integrated mixed-signal IC
used for signal conditioning and analog-to-digital
conversion at the output of a CCD array. The IC has
correlated double sampler (CDS) and an analog
programmable-gain amplifier (PGA) stage followed by
analog-to-digital converter (ADC) and a digital
PGA stage. The CDS is used to sample the CCD
signal and is followed by the analog PGA stage. The
ADC is a12-bit, 21-MSPS pipelined ADC. The digital
PGA provides further amplification.
Additionally, there is an offset calibration loop for
optical-black correction. The optical-black reference
level is user-programmable. The chip also has two
bit digital-to-analog converters (DAC) for external
analog settings.
The chip has a serial port for configuring internal
control registers.
The VSP1221 is available in a 48-pin TQFP package
and operates from a single 3-V power supply.




Similar Part No. - VSP1221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP1221 TI-VSP1221 Datasheet
320Kb / 26P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
VSP1221 TI1-VSP1221 Datasheet
627Kb / 6P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
VSP1221PFB TI1-VSP1221PFB Datasheet
627Kb / 6P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
VSP1221PFBG4 TI1-VSP1221PFBG4 Datasheet
627Kb / 6P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
VSP1221 TI1-VSP1221_14 Datasheet
627Kb / 6P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
More results


Similar Description - VSP1221

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9844A AD-AD9844A Datasheet
169Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV.0
AD9845A AD-AD9845A Datasheet
252Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.0
logo
Texas Instruments
VSP1221 TI-VSP1221 Datasheet
320Kb / 26P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
logo
Analog Devices
AD9845B AD-AD9845B Datasheet
441Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.A
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
logo
Texas Instruments
VSP1221 TI1-VSP1221_14 Datasheet
627Kb / 6P
12-BIT, 21-MSPS, ULTRALOW-POWER CCD SIGNAL PROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com