Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9845A Datasheet (PDF) - Analog Devices

AD9845A Datasheet PDF - Analog Devices
Part # AD9845A
Download  AD9845A Download
File Size   252.42 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 30 MSPS CCD Signal Processor

AD9845A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9845A Datasheet PDF - Analog Devices

Part # AD9845A
Download  AD9845A Click to download

File Size   252.42 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 30 MSPS CCD Signal Processor

AD9845A Datasheet (HTML) - Analog Devices


AD9845A Product details

PRODUCT DESCRIPTION
The AD9845A is a complete analog signal processor for CCD applications. It features a 30 MHz single-channel architecture designed to sample and condition the outputs of interlaced and progressive scan area CCD arrays. The AD9845A’s signal chain consists of an input clamp, correlated double sampler (CDS), Pixel Gain Amplifier (PxGA), digitally controlled variable gain amplifier (VGA), black level clamp, and a 12-bit A/D converter. Additional input modes are provided for processing analog video signals.

FEATURES
   30 MSPS Correlated Double Sampler (CDS)
   4 dB ± 6 dB 6-Bit Pixel Gain Amplifier (PxGA®)
   2 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
   Low Noise Clamp Circuits
   Analog Preblanking Function
   12-Bit 30 MSPS A/D Converter
   Auxiliary Inputs with VGA and Input Clamp
   3-Wire Serial Digital Interface
   3 V Single Supply Operation
   Low Power: 140 mW @ 3 V Supply
   48-Lead LQFP Package

APPLICATIONS
   Digital Still Cameras
   Digital Video Camcorders
   Industrial Imaging




Similar Part No. - AD9845A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
More results


Similar Description - AD9845A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9844A AD-AD9844A Datasheet
169Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV.0
AD9846A AD-AD9846A Datasheet
231Kb / 24P
Complete 10-Bit 30 MSPS CCD Signal Processor
REV.0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.A
AD9824KCPZ AD-AD9824KCPZ Datasheet
387Kb / 24P
Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9824 AD-AD9824_15 Datasheet
439Kb / 24P
Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com