Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9845A Datasheet(PDF) 1 Page - Analog Devices

Part # AD9845A
Description  Complete 12-Bit 30 MSPS CCD Signal Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9845A Datasheet(HTML) 1 Page - Analog Devices

  AD9845A Datasheet HTML 1Page - Analog Devices AD9845A Datasheet HTML 2Page - Analog Devices AD9845A Datasheet HTML 3Page - Analog Devices AD9845A Datasheet HTML 4Page - Analog Devices AD9845A Datasheet HTML 5Page - Analog Devices AD9845A Datasheet HTML 6Page - Analog Devices AD9845A Datasheet HTML 7Page - Analog Devices AD9845A Datasheet HTML 8Page - Analog Devices AD9845A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9845A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Complete 12-Bit 30 MSPS
CCD Signal Processor
FUNCTIONAL BLOCK DIAGRAM
DATACLK
SHD
SHP
BANDGAP
REFERENCE
2:1
MUX
DOUT
AUX2IN
CLPDM
CCDIN
OFFSET
DAC
PBLK
AUX1IN
VRT
VRB
INTERNAL
TIMING
INTERNAL
BIAS
2dB~36dB
AVDD
DVDD
DVSS
AVSS
DRVDD
DRVSS
10
8
CML
DIGITAL
INTERFACE
SDATA
SCK
SL
CLPOB
12
CDS
VGA
CLP
BUF
2:1
MUX
CLP
AD9845A
CONTROL
REGISTERS
CLP
ADC
4dB
6dB
COLOR
STEERING
HD
VD
PxGA
6
FEATURES
30 MSPS Correlated Double Sampler (CDS)
4 dB
6 dB 6-Bit Pixel Gain Amplifier (
PxGA®)
2 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
Low Noise Clamp Circuits
Analog Preblanking Function
12-Bit 30 MSPS A/D Converter
Auxiliary Inputs with VGA and Input Clamp
3-Wire Serial Digital Interface
3 V Single Supply Operation
Low Power: 140 mW @ 3 V Supply
48-Lead LQFP Package
APPLICATIONS
Digital Still Cameras
Digital Video Camcorders
Industrial Imaging
PRODUCT DESCRIPTION
The AD9845A is a complete analog signal processor for CCD
applications. It features a 30 MHz single-channel architecture
designed to sample and condition the outputs of interlaced and
progressive scan area CCD arrays. The AD9845A’s signal chain
consists of an input clamp, correlated double sampler (CDS),
Pixel Gain Amplifier (PxGA), digitally controlled variable gain
amplifier (VGA), black level clamp, and a 12-bit A/D converter.
Additional input modes are provided for processing analog
video signals.
The internal registers are programmed through a 3-wire
serial digital interface. Programmable features include gain
adjustment, black level adjustment, input configuration, and
power-down modes.
The AD9845A operates from a single 3 V power supply, typi-
cally dissipates 140 mW, and is packaged in a 48-lead LQFP.
PxGA is a registered trademark of Analog Devices, Inc.


Similar Part No. - AD9845A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
More results

Similar Description - AD9845A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9844A AD-AD9844A Datasheet
169Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV.0
AD9846A AD-AD9846A Datasheet
231Kb / 24P
Complete 10-Bit 30 MSPS CCD Signal Processor
REV.0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.A
AD9824KCPZ AD-AD9824KCPZ Datasheet
387Kb / 24P
Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9824 AD-AD9824_15 Datasheet
439Kb / 24P
Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com