Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9845A Datasheet(PDF) 16 Page - Analog Devices

Part # AD9845A
Description  Complete 12-Bit 30 MSPS CCD Signal Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9845A Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9845A Datasheet HTML 12Page - Analog Devices AD9845A Datasheet HTML 13Page - Analog Devices AD9845A Datasheet HTML 14Page - Analog Devices AD9845A Datasheet HTML 15Page - Analog Devices AD9845A Datasheet HTML 16Page - Analog Devices AD9845A Datasheet HTML 17Page - Analog Devices AD9845A Datasheet HTML 18Page - Analog Devices AD9845A Datasheet HTML 19Page - Analog Devices AD9845A Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
REV. 0
AD9845A
–16–
Table IV. Clamp Level Register Contents (Default Value x080)
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Clamp Level (LSB)
X
X
X
0000
0
000
0
0000
0
001
1
0000
0
010
2
•
•
•
•
•
•
1111
1110
254
1111
1111
255
Table V. Control Register Contents (Default Value x000)
Data Out
DATACLK
CLP/PBLK
SHP/SHD
PxGA
Color Steering Modes
D10 D9
D8 D7
D6
D5
D4
D3
**
D2 D1 D0
X
0 Enable
0
*
0
*
0 Rising Edge Trigger
0 Active Low 0 Active Low
0 Disable 0
0
0 Steering Disabled
1 Three-State
1 Falling Edge Trigger 1 Active High 1 Active High
1 Enable 0
0
1 Mosaic Separate
0
1
0 Interlace
0
1
1 3-Color
1
0
0 4-Color
1
0
1 VD Selected
1
1
0 Mosaic Repeat
1
1
1 User Specified
*Must be set to zero.
**When D3 = 0 (PxGA disabled) the PxGA gain is fixed to 4 dB.
Table VI. PxGA Gain Registers for Gain0, Gain1, Gain2, Gain3 (Default Value x000)
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Gain (dB)
*
XXXXX0
1
1111
+10.0
••
••
••
00
0000+4.3
11
1111+4.0
••
••
••
10
0000
–2.0
*Control Register Bit D3 must be set High (PxGA Enable) to use the PxGA Gain Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com