Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9845A Datasheet(PDF) 5 Page - Analog Devices

Part # AD9845A
Description  Complete 12-Bit 30 MSPS CCD Signal Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9845A Datasheet(HTML) 5 Page - Analog Devices

  AD9845A Datasheet HTML 1Page - Analog Devices AD9845A Datasheet HTML 2Page - Analog Devices AD9845A Datasheet HTML 3Page - Analog Devices AD9845A Datasheet HTML 4Page - Analog Devices AD9845A Datasheet HTML 5Page - Analog Devices AD9845A Datasheet HTML 6Page - Analog Devices AD9845A Datasheet HTML 7Page - Analog Devices AD9845A Datasheet HTML 8Page - Analog Devices AD9845A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
REV. 0
AD9845A
–5–
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
SAMPLE CLOCKS
DATACLK, SHP, SHD Clock Period
tCONV
32
33
ns
DATACLK Hi/Low Pulsewidth
tADC
13
16.7
ns
SHP Pulsewidth
tSHP
5
8.3
ns
SHD Pulsewidth
tSHD
5
8.3
ns
CLPDM Pulsewidth
tCDM
4
10
Pixels
CLPOB Pulsewidth
1
tCOB
2
20
Pixels
SHP Rising Edge to SHD Falling Edge
tS1
0
8.3
ns
SHP Rising Edge to SHD Rising Edge
tS2
13
16.7
ns
Internal Clock Delay
tID
3.0
ns
Inhibited Clock Period
tINH
10
ns
DATA OUTPUTS
Output Delay
tOD
14.5
16
ns
Output Hold Time
tH
7.0
7.6
ns
Pipeline Delay
9
Cycles
SERIAL INTERFACE
Maximum SCK Frequency
fSCLK
10
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
SCK Falling Edge to SDATA Valid Read
tDV
10
ns
NOTES
1Minimum CLPOB pulsewidth is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp performance.
Specifications subject to change without notice.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9845A features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
(CL = 20 pF, fSAMP = 30 MHz, CCD-Mode Timing in Figures 10 and 11, AUX-Mode Timing in Figure 7.
Serial Timing in Figures 26–29.)
ABSOLUTE MAXIMUM RATINGS
With
Respect
Parameter
To
Min
Max
Unit
AVDD1, AVDD2
AVSS
–0.3
+3.9
V
DVDD1, DVDD2
DVSS
–0.3
+3.9
V
DRVDD
DRVSS
–0.3
+3.9
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3
V
SHP, SHD, DATACLK
DVSS
–0.3
DVDD + 0.3
V
CLPOB, CLPDM, PBLK
DVSS
–0.3
DVDD + 0.3
V
SCK, SL, SDATA
DVSS
–0.3
DVDD + 0.3
V
VRT, VRB, CMLEVEL
AVSS
–0.3
AVDD + 0.3
V
BYP1-4, CCDIN
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Lead Temperature
300
°C
(10 sec)
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9845AJST
–20°C to +85°C
Thin Plastic
ST-48
Quad Flatpack
(LQFP)
THERMAL CHARACTERISTICS
Thermal Resistance
48-Lead LQFP Package
θ
JA = 92°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com