Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9845A Datasheet(PDF) 14 Page - Analog Devices

Part # AD9845A
Description  Complete 12-Bit 30 MSPS CCD Signal Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9845A Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9845A Datasheet HTML 10Page - Analog Devices AD9845A Datasheet HTML 11Page - Analog Devices AD9845A Datasheet HTML 12Page - Analog Devices AD9845A Datasheet HTML 13Page - Analog Devices AD9845A Datasheet HTML 14Page - Analog Devices AD9845A Datasheet HTML 15Page - Analog Devices AD9845A Datasheet HTML 16Page - Analog Devices AD9845A Datasheet HTML 17Page - Analog Devices AD9845A Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
REV. 0
AD9845A
–14–
SDATA
SCK
SL
RNW
TEST BIT
0
A2
0
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
tDS
tDH
tLS
tLH
NOTES:
1. SDATA BITS ARE INTERNALLY LATCHED ON THE RISING EDGES OF SCK.
2. RNW = READ-NOT WRITE. SET LOW FOR WRITE OPERATION.
3. TEST BITS = INTERNAL USE ONLY. MUST BE SET LOW.
4. SYSTEM UPDATE OF LOADED REGISTERS OCCURS ON SL RISING EDGE.
Figure 21. Serial Write Operation
SDATA
SCK
SL
RNW
TEST BIT
10
0
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
tDS
tDH
tLS
tLH
NOTES:
1. RNW = READ-NOT WRITE. SET HIGH FOR READ OPERATION.
2. TEST BITS = INTERNAL USE ONLY. MUST BE SET LOW.
3. SERIAL DATA FROM THE SELECTED REGISTER IS VALID STARTING AFTER THE 5TH SCK FALLING EDGE, AND IS UPDATED ON
SCK FALLING EDGES.
tDV
Figure 22. Serial Readback Operation
SERIAL INTERFACE TIMING AND INTERNAL REGISTER DESCRIPTION
Table I. Internal Register Map
Register
Address
Data Bits
Name
A0 A1 A2
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
Operation
0
0
0
Channel Select Power-Down
Software
OB Clamp
0
*
1
**
0
*
0
*
0
*
CCD/AUX1/2 Modes
Reset
On/Off
VGA Gain
1
0
0
LSB
MSB
X
Clamp Level
0
1
0
LSB
MSB
X
X
X
Control
1
1
0
Color Steering Mode
PxGA
Clock Polarity Select for
0
*
0
*
Three-
X
Selection
On/Off
SHP/SHD/CLP/DATA
State
PxGA Gain0
0
0
1
LSB
MSB
X
X
X
X
X
PxGA Gain1
1
0
1
LSB
MSB
X
X
X
X
X
PxGA Gain2
0
1
1
LSB
MSB
X
X
X
X
X
PxGA Gain3
1
1
1
LSB
MSB
X
X
X
X
X
*Internal use only. Must be set to zero.
**Must be set to one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com