Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5010-EVALZ Datasheet (PDF) - Analog Devices

ADRF5010-EVALZ Datasheet PDF - Analog Devices
Part # ADRF5010-EVALZ
Download  ADRF5010-EVALZ Download
File Size   654.67 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz

ADRF5010-EVALZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5010-EVALZ Datasheet PDF - Analog Devices

Part # ADRF5010-EVALZ
Download  ADRF5010-EVALZ Click to download

File Size   654.67 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz

ADRF5010-EVALZ Datasheet (HTML) - Analog Devices


ADRF5010-EVALZ Product details

FEATURES
► Ultra-wideband frequency range: 0.1 GHz to 55 GHz
► Nonreflective ports, high-power terminated path
► Symmetrical ports
► Low insertion loss
► 1.0 dB typical to 20 GHz
► 1.5 dB typical to 40 GHz
► 2.0 dB typical to 55 GHz
► Isolation
► 30 dB typical to 50 GHz
► 28 dB typical to 55 GHz
► High input linearity
► P0.1dB: >33 dBm typical
► Input IP3 >60 dBm typical
► High power handling TCASE= 85 °C
► Through path
► Peak: 36 dBm
► Pulse: 33 dBm
► CW: 30 dBm
► Terminated path
► Peak: 33 dBm
► Pulse 33 dBm
► CW: 30 dBm
► Hot switching
► Peak: 33 dBm
► Pulse: 33 dBm
► CW: 30 dBm
► Complementary metal-oxide semiconductor (CMOS)-/low voltage
transistor-transistor logic (LVTTL)-compatible controls
► Radio frequency (RF) switching time: 30 ns
► RF settling time (0.1 dB final RF output): 50 ns
► Dual-supply operation: ±3.3 V
► 14-lead, 2.25 mm x 2.25 mm, LGA package

APPLICATIONS
► Test and instrumentation
► Cellular infrastructure: 5G mmWave
► Military radios, radars, electronic countermeasures
► Microwave radios and very small aperture terminals
► Industrial scanners




Similar Part No. - ADRF5010-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5019-EVALZ AD-ADRF5019-EVALZ Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5019BCPZN AD-ADRF5019BCPZN Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5019BCPZN-R7 AD-ADRF5019BCPZN-R7 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
More results


Similar Description - ADRF5010-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
10/2019-Rev. E to Rev. F
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com