Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5142BCCZN Datasheet (PDF) - Analog Devices

ADRF5142BCCZN Datasheet PDF - Analog Devices
Part # ADRF5142BCCZN
Download  ADRF5142BCCZN Download
File Size   475.79 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Power, 40 W Peak, Silicon SPDT, Reflective Switch, 8 GHz to 11 GHz

ADRF5142BCCZN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5142BCCZN Datasheet PDF - Analog Devices

Part # ADRF5142BCCZN
Download  ADRF5142BCCZN Click to download

File Size   475.79 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Power, 40 W Peak, Silicon SPDT, Reflective Switch, 8 GHz to 11 GHz

ADRF5142BCCZN Datasheet (HTML) - Analog Devices


ADRF5142BCCZN Product details

FEATURES
► Frequency range: 8 GHz to 11 GHz
► Low insertion loss: 1.2 dB (typical)
► High isolation: 40 dB (typical)
► High input linearity
► 0.1 dB power compression (P0.1dB): 46 dBm
► Third-order intercept (IP3): 70 dBm
► High power handling at TCASE = 85°C:
► Insertion loss path
► Average: 41 dBm
► Pulsed (> 100 ns pulse width, 15% duty cycle): 44 dBm
► Peak (≤ 100 ns peak duration, 5% duty cycle): 46 dBm
► Hot switching at RFC (Pin 3): 41 dBm
► Fast switching time: 60 ns
► 0.1 dB RF settling time: 65 ns
► No low frequency spurious
► Positive control interface: CMOS-/LVTTL-compatible
► 20-lead, 3.0 mm × 3.0 mm LGA package
► Pin compatible with ADRF5141 and ADRF5144

APPLICATIONS
► X-band communications and radars
► Electronic warfare
► Satellite communications
► Gallium nitride (GaN) and PIN diode replacement




Similar Part No. - ADRF5142BCCZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5141 AD-ADRF5141 Datasheet
680Kb / 13P
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
ADRF5141-EVALZ AD-ADRF5141-EVALZ Datasheet
680Kb / 13P
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
ADRF5141BCCZN AD-ADRF5141BCCZN Datasheet
680Kb / 13P
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
ADRF5141BCCZN-R7 AD-ADRF5141BCCZN-R7 Datasheet
680Kb / 13P
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
More results


Similar Description - ADRF5142BCCZN

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2352-2-SM TRIQUINT-TGS2352-2-SM_15 Datasheet
701Kb / 11P
0.5 to 12 GHz High Power SPDT Reflective Switch
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
0.5 to 18 GHz High Power SPDT Reflective Switch
logo
Custom MMIC Design Serv...
CMD215 MMIC-CMD215 Datasheet
226Kb / 9P
DC-40 GHz SPDT Reflective Switch
logo
Analog Devices
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
5/2020-Rev. A to Rev. B
ADRF5132 AD-ADRF5132 Datasheet
362Kb / 12P
High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
8/2019-Rev. A to Rev. B
ADRF5160 AD-ADRF5160 Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com